Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

301100006 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # 301100006
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301100006 Datasheet(HTML) 5 Page - ams-OSRAM AG

  301100006 Datasheet HTML 1Page - ams-OSRAM AG 301100006 Datasheet HTML 2Page - ams-OSRAM AG 301100006 Datasheet HTML 3Page - ams-OSRAM AG 301100006 Datasheet HTML 4Page - ams-OSRAM AG 301100006 Datasheet HTML 5Page - ams-OSRAM AG 301100006 Datasheet HTML 6Page - ams-OSRAM AG 301100006 Datasheet HTML 7Page - ams-OSRAM AG 301100006 Datasheet HTML 8Page - ams-OSRAM AG 301100006 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
Dragster
General description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
5 / 109
/
1.1
Key benefits & features
The benefits and features of Dragster, Line scan sensor are listed below:
Table 1: Dragster benefits and features
Benefits
Features
Differentiators
Allows integration in inspection
systems and cameras on the
basis of the same electronics
High resolution, complete family 2K to
16K versions
Most complete sensor family on
the market. Complete coverage of
high resolution & high-speed
Monochrome scanning needs
Allows inspection speed to
increase => higher machine
production speed.
Line rates up to 80 kHz for all
resolutions
Competing products offer reduced
line rates at higher resolution
Easy integration
Completely digital sensor
Improved camera quality
compared to CCD based products
COB/Invar package
High mechanical stability and
planarity of the die. Re-use of the
same camera interface across
different Dragster variants
1.2
Applications
•
Automated Optical Inspection (AOI) in (SMD, PCB, flat panel, web)
•
Industrial sorting (e.g. food)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com