Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

301100006 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # 301100006
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301100006 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button 301100006 Datasheet HTML 16Page - ams-OSRAM AG 301100006 Datasheet HTML 17Page - ams-OSRAM AG 301100006 Datasheet HTML 18Page - ams-OSRAM AG 301100006 Datasheet HTML 19Page - ams-OSRAM AG 301100006 Datasheet HTML 20Page - ams-OSRAM AG 301100006 Datasheet HTML 21Page - ams-OSRAM AG 301100006 Datasheet HTML 22Page - ams-OSRAM AG 301100006 Datasheet HTML 23Page - ams-OSRAM AG 301100006 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 109 page
background image
Dragster
Typical operating characteristics
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
20 / 109
/
Table 11: Electro-optical parameter of Dragster 7µm, and 3.5µm, mono version
Parameter
7µm
3.5µm
Remark
QE @ 600 nm
60%
60%
Full well capacity(1)
46ke-
23ke-
Total system gain
0.076DN/e-
0.152DN/e-
CDS Unit Gain
Responsivity(2)(3)
77DN/nJ/cm2
38.5DN/nJ/cm2
CDS Unit Gain @ 12-bit
308DN/nJ/cm2
154DN/nJ/cm2
CDS Gain 4x @ 12-bit
Dynamic range
66.4dB
60.4dB
SNR
47dB
44dB
Temporal dark noise(4)(5)
1.7DN
3.3DN
CDS Unit Gain
22e-
22e-
Dark current
3 e-/ms
3 e-/ms
@ 27 °C
DSNUrms(2)(6)(7)
4DN
4DN
PRNUrms(2)(6)(7)
0.7%
0.7%
Non linearity(8)
2%
2%
Image lag
0%
0%
Crosstalk
2%
2%
Optical & electrical
(1) At Unity Gain (CDSGain = 0 -> x1, Inverse ADC Gain = 0x20H, End Counter 128 –> 4096 ADC levels).
(2) Tint = 10 µs, Unity Gain (CDSGain = 0 -> x1, Inverse ADC Gain = 0x20H).
(3) T= 27 °C, Tint = 20 µs, Unity Gain (CDSGain = 1 -> x4, Inverse ADC Gain = 0x20H).
(4) T= 27 °C, Tint = 20 µs, Unity Gain (CDSGain = 0 -> x1, Inverse ADC Gain = 0x20H).
(5) Temporal noise can further be reduced by subtracting from each line the average value of the dark reference pixels, which
will reduce temporal noise components coupled over the supply at frequencies below the line rate.
(6) Ramp offset and ramp gain must be adjusted for all segments to match with each other.
(7) Per each 2K7µm and 4K3.5µm segment.
(8) Measured in % deviation from full scale signal for the signal range of 5% - 95%, according to EMVA1288 proposal for linearity
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com