Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC03 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC03
Description  nullAMethane Detection Using Unmanned Aerial Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC03 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC03 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC03 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC03 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC03 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC03 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LDTC03 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Case Study CS-LDTC03 Rev. A
Page 2
© 2017 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
HOW?
The researchers installed an MIR-based methane sensor
on two different UAS. The first was a fixed-wing UAS,
which has long-range flight capabilities (see
Figure
1a). The second was a hexacopter UAS with enhanced
maneuverability (see
Figure 1b).
Both flight systems utilized the same optical cell and
electronics to perform wavelength modulation spectroscopy
(WMS) measurements of methane in-flight.
The modulation requirements of the WMS were twofold.
First, a 200 Hz sawtooth signal was applied to the injection
current to vary the output wavelength as a function of time.
Second, a 20 kHz sine wave was superimposed with the
sawtooth signal. This additional sinusoidal modulation
allows the resulting signal to be decomposed into
harmonics of the input. This method eliminates much of the
background noise, since the background is not a harmonic
of the input sine wave. Thus, the signal-to-noise ratio of the
detection instrument is increased.
A gallium-antimonide (GaSb) distributed feedback laser
was used, with a central emission of 3057.4 cm-1. The
modulation described above introduces 1.2 cm-1 of tuning
about the center. This tuning covers the fundamental band
of methane absorption in the mid infrared.
To achieve repeatable tuning, the central wavelength of
the laser cannot change. Like other semiconductor lasers,
the emission wavelength of GaSb lasers depends on
temperature. At an altitude of 600 m above ground level, the
researchers calculated that there should be a temperature
drop of approximately 3-6 K. Given the fluctuating ambient
temperatures, it was imperative that the temperature
controller be able to adapt and keep the laser temperature
stable throughout the duration of the flights.
The laser and optical components are arranged in an
open-cell multi-pass configuration for making the methane
measurements. The open-cell design allowed for lower
mass (no tubes and pressure systems). The multi-pass
optical path allowed for a smaller footprint of the system,
by compressing a 2.7 m optical path length into 24 passes
through an 11.2 cm path.
An in-line methane reference cell was used to ensure
accuracy of the system. This is different than typical
reference cells, being composed of the actual target gas, as
opposed to a gas with a non-overlapping spectrum.
Altitude, temperature, pressure, and GPS location were
also collected during flights. This allowed additional analysis
for environmetal factors impacting methane levels.
Figure 1. Methane-sensing instrumentation mounted on (a) the fixed-wing UAS and (b) hexacopter UAS.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com