Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC03 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LDTC03
Description  nullAMethane Detection Using Unmanned Aerial Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC03 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LDTC03 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC03 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC03 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC03 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC03 Datasheet HTML 5Page - Wavelength Electronics, Inc. CS-LDTC03 Datasheet HTML 6Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Case Study CS-LDTC03 Rev. A
Page 3
© 2017 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
FIXED-WING MEASUREMENT SYSTEM
With the measurement system mounted onto the fixed-
wing apparatus, there were less stringent mass and size
specifications to be met. This allowed the researchers to
find the best possible configuration of optical components
and electronics for their design.
The fixed-wing UAS had a payload of 25 kg and a maximum
flight time of 16 hours. All of the sensor electronics were
confined in a 20 cm x 26 cm x 11 cm box, which was
mounted underneath one of the wings of the aircraft.
In addition to the small size of the apparatus, it had to be
rugged as well, with the ability to withstand forces up to
10-g upon launch.
The fixed-wing system made flights around southern New
Jersey, based out of the Cape May Airport, as shown in
Figure 2a.
HEXACOPTER MEASUREMENT SYSTEM
In comparison to the fixed-wing aircraft, the hexacopter has
a much smaller payload of 2.1 kg, and a maximum flight
time of 5-6 minutes. This required a reduction in the overall
mass in order to meet the flight requirements.
These mass-reduction efforts included a change from an
aluminum electronics case to a plastic one, a reduction in
the size of the optical cell housing, and a combination of the
sensor head and control electronics into a single box. All of
these reductions took the overall mass of the system from
4.68 kg to 1.59 kg, while also reducing the overall footprint
of the system to fit onto the smaller hexacopter UAS.
The hexacopter made flights around Fendt, Germany
as part of the ScaleX campaign. In these flights, the data
taken by the hexacopter were compared with a 9 m tower,
equipped with three air inlets at various heights connected
to a Picarro methane analyzer, see
Figure 2b.
Figure 2. The flight paths are shown in red, overlaying the corresponding satellite images of (a) southern New Jersey,
United States and (b) Fendt, Germany. The Picarro-equipped tower around Fendt is labeled in (b). In each image, the x-axis
corresponds to longitude, while the y-axis shows latitude.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com