Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC05 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC05
Description  Laser Diodes in Optofluidics and Microfluidics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC05 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC05 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC05 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC05 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC05 Datasheet HTML 4Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Case Study CS-LDTC05 Rev. A
Page 2
© 2019 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Once sorted, based on either fluorescence method, particles
exhibiting the desired parameters were then removed from
the microwells using an infrared diode laser (emitting at
980 nm, fiber-coupled). The location of the desired cells
was stored during the fluorescence measurements, and the
laser beam was then steered to these locations to remove
the particles.
Removal of the particles was accomplished via a method
similar to optical tweezing.
Figure 2 shows the removal
sequence. The microchip structure was designed to allow
transmission of infrared light. The optical scattering force,
once focused on a particle, then levitated the particle
vertically out of the well, allowing the fluid flow to remove
it from the microgrid array for storage. Once the beam was
aligned to a chosen spot, it took between 3-10 seconds to
remove the particle from the well.
Figure 2. Cell levitation and removal sequence.
Adapted with permission from [1]. Copyright 2007
American Chemical Society.
Infrared light was chosen for two main factors. First, infrared
light has much higher damage thresholds for cells, allowing
for enough optical power to reach the cell to levitate it out of
the array without damaging it. Second, water is not strongly
absorbing at the wavelength chosen, producing low cell
temperature changes. This again allows for minimal cell
damage during the process.
LASERS IN MICROFLUIDICS
Researchers from Georgia Institute of Technology utilized
the laser for the opposite approach. Instead of choosing
a wavelength where water absorption does not contribute
meaningfully to the temperature of the medium, they
utilized a water absorption peak to vary the temperature of
the microchip [2].
In this way, the temperature range required for polymerase
chain reaction (PCR) could be achieved. This PCR required
the cell's medium to vary in temperature between 72°C and
93°C (shown in
Figure 3) in 50 second cycles.
Figure 3. Representation of two thermal cycles used
for the microchip PCR. For the 500 base-pair PCR
reported, 30 cycles were used. Data from [2].
Again, the microchip was designed to allow transmission
of light (here a 1450 nm infrared diode laser) through the
base of the microchip, with negligible heating of the chip
itself. 1450 nm was chosen due to its alignment with an
absorption peak of water, enhancing the temperature
change of the water (the cell's surrounding medium) upon
radiation.
The heating and cooling cycles required for PCR are well
known. In this application, a calibration between the laser
setpoint voltage (i.e. output current) and the temperature
of the water needed to be applied to ensure the cycling
was easily and precisely repeatable. This was achieved
empirically, by varying the driving voltage of the laser and
recording the corresponding temperature of the water.
To collect the data for the calibration, the voltage of the laser
was changed, and radiation allowed to occur for 2 minutes
to reach a steady-state temperature of the fluid. To reach
the desired temperatures, the entire operation range of the
laser was used.
Once the calibration was finalized, it was found that the
heating and cooling rates were on the order of 3°C/s, with
cooling having a slightly higher rate than heating.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com