Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC16 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC16
Description  Ultra-Sensitive CO-LITES Detection at the Parts per Quadrillion Level
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC16 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC16 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC16 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC16 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC16 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC16 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LDTC16 Rev. A
Page 2
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 1. a) Structure model of three-mirror MPC. d: distance between mirror and origin. α: angle between mirrors; θ: the
angle between the incident laser and the z axis; φ: the angle between the projection of the incident ray in the x-y plane and
the x axis. h
1(x0, y0): coordinates of laser entry hole. b) Theoretical model of artificial fish swarm algorithm (AFSA) design
algorithm. Position: P=[d
1, d2, d3, x0, y0, θ, φ], seven-dimensional position information for fish swarm.
1
METHOD
Researchers from the Harbin Institute of Technology,
China have developed an ultra-sensitive light-induced
thermoelastic spectroscopy (LITES) system based on an
intelligent algorithm-optimized multi-pass cell (MPC) and
low-frequency quartz tuning fork (QTF) for carbon monoxide
(CO) detection. To increase absorption through longer
optical path length (OPL) and to design an optimized MPC
to better balance OPL with volume, researchers employed
an artificial fish swarm algorithm (AFSA) (
Figure 1). The
AFSA was used to optimize the geometric structure of the
MPC with a three-mirror model with a double helix structure
by determining the path the laser light takes through the
gas sample and mirror reflections. It is difficult to greatly
extend the OPL without creating an extensive volume and
a large system to contain it. By iteratively adjusting the
parameters of the mirror placement, angles, and spacing,
the AFSA maximized path length while keeping the cell
compact and minimizing optical losses. The OPL/V ratio
of the novel MPC using the AFSA was 25.8 m/165.8 mL
which results in a highly dense pattern of spot
distribution on the mirrors in a compact design. The
simulated and measured distribution of the double helix
pattern can be seen in
Figure 2. This can increase
gas-light interaction time leading to high sensitivity
without increasing the physical size of the system.
To improve the standard commercial-grade QTF with high
resonant frequency (f
0), researchers needed to reduce
the f
0 to increase the energy accumulation time which
would contribute to improving the detection sensitivity
of the sensor.1 The parameters that affect the f
0 include
the thickness and length of the fork fingers, elasticity,
and density of the QTF. Researchers customized a
QTF by increasing the length from 3.9 mm to 9.1 mm,
decreasing the width from 0.36 mm to 0.25 mm, adding
round heads to enhance stress during vibration, and
using gold electrodes to improve oxidation and corrosion
resistance.1 To further improve the design, the QTF was
coated with polydimethylsiloxane (PDMS) (
Figure 3)
to reduce heat diffusion and increase the stress
Figure 2. Double helix pattern of three-mirror MPC. Simulated (a) and Measured (b) distribution of double helix pattern.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com