Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC16 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LDTC16
Description  Ultra-Sensitive CO-LITES Detection at the Parts per Quadrillion Level
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC16 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LDTC16 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC16 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC16 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC16 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC16 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LDTC16 Rev. A
Page 5
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
CO-LITES, quartz tuning fork, QTF, spectroscopy,
carbon monoxide, CO, gas sensing, QCL, QCL driver,
temperature controller, parts per quadrillion, ppq,
semiconductor manufacturing, energy innovation
PRODUCTS USED
QCL1500 LAB, TC10 LAB
REVISION HISTORY
Document Number: CS-LDTC16
REVISION
DATE
NOTES
A
June 2025
Initial Release
REFERENCES
1. Sun, H., Qiao, S., He, Y., Sun, X., Ma, Y. Parts-per-
quadrillion level gas molecule detection: CO-LITES
sensing. Light: Science & Applications,
14, 180 (2025).
https://doi.org/10.1038/s41377-025-01864-4
USEFUL LINKS
•
QCL1500 LAB Product Page
•
TC10 LAB Product Page
PERMISSIONS
Figures 1 - 6 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
Figures 1 - 3 were cropped and the captions for Figures 1 -
3 were modified. No changes were made to the other
captions or images. They are presented here in their
original form.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com