| Electronic Components Datasheet Search |
|
CS-TC02 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-TC02 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc. |
|
2 / 4 page ![]() Case Study CS-TC02 Rev. A Page 2 © 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com The laser engine in both systems utilizes Bridger Photonics' patented Frequency Modulated Continuous Wave (FMCW) LiDAR (Light Detection and Ranging) technology. The laser's output is chirped (the frequency is ramped with time). This frequency is swept over a given bandwidth (B), seen in Figure 3. The light from the chirped laser is split into two portions: transmitted (Tx) and a reference (local oscillator or LO). The transmitted light is incident on the optic under test and reflects back to the detection system. The returned (Rx) frequencies are compared with the reference frequencies. The setup is shown in Figure 4. Because the return signal has covered the distance to the object and returned, it will be shifted in time compared to the reference waveform as seen in Figure 3. The two signals are combined, and a detector measures the beat created from the frequency difference. The beat is dependent on the chirp rate (κ) and the time delay (τ D). The signal is then converted with a fast Fourier transform to give the full-waveform range profile (seen in Figure 5). The peaks show the location of each surface of the given object. The widths of the peaks (ΔR) are dependent upon the chirp bandwidth. From the peaks the thickness of the optic can be realized. This method allows for measurements of diffusely scattering surfaces which challenge the accuracy and resolution of other non-contact techniques. Figure 2. Bridger Photonics' SLM-IM Length Metrology System2 Figure 1. Bridger Photonics' Thickness Metrology Station2 LO Rx f beat = κτ D B Time τD Figure 3. Frequency Ramp with Local Oscillator (LO) and Return Signal (Rx) showing time delay (τ D) 1 Figure 4. (FMCW) LiDAR measurement technique1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |