Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC02 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-TC02
Description  Frequency-Modulated, LiDAR-Based Length and Thickness Metrology Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC02 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-TC02 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC02 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC02 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC02 Datasheet HTML 4Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Case Study CS-TC02 Rev. A
Page 3
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Bridger Photonics' Thickness Metrology Station, is used
mainly for applications needing precise lens measurements.
This station can measure optics up to 60 mm thick (with
larger custom stations possible) and up to 6 inches
diameter. It can measure physical thickness, optical
thickness, and group index to a precision and accuracy of
less than 1 µm. Knowing the index of refraction makes it
possible to identify the material. The greatest advantage
of the TMS is that it is non-contact. This ensures that the
optic is not damaged, reducing scrap and evaluation time.
This also eliminates errors from manual calibration and set-
up as well as the other problems discussed earlier about
traditional thickness measurement methods.
The Length Metrology System has been specifically
designed for integration into materials processing
machines. The LMS delivers the light through a compact
fiber optic probe. The laser in the LMS can be co-aligned
with the materials processing laser beam eliminating extra
components and cost. In real time, the LMS provides
feedback about the material and its distance from the
machine tool.
The LMS detects obstructions in the beam path (the optic)
and knows immediately when the laser has broken through
the material making it ideal for detection in drilling systems.
Additionally the Length Metrology System is not damaged
by backscattered light from the materials processing laser
beam. The LMS can provide high accuracy and precision
as low as 1 µm. It has 1 kHz measurement rate, 0 - 2 m
range window, < 2 ms measurement latency (for rapid
measurements), and Ethernet communication for real-time
feedback. It also provides 3D mapping of the part under test
using scanning measurements.
Figure 5. Beat peaks showing thickness measurement
results1
WAVELENGTH'S ROLE
The lasers for the FMCW LiDAR need to be wavelength
stabilized through precise temperature control because
the group index is dependent on wavelength. Wavelength
Electronics' WTCP-5V5A (
Figure 6) provides a current limit
of 1 A and voltage less than 3 V to control the temperature
of the laser for both of Bridger Photonics' metrology
systems. The WTCP has efficient Pulse-Width Modulation
(PWM) up to ±5 A and 5.5 VDC to the thermoelectric
controller. The WTCP can produce temperature stability
as low as 0.001ºC. This ensures that the wavelength of the
laser does not fluctuate over time, and the measurements
are consistent over multiple tests.
Different lasers can have completely different thermal
profiles, so the PWM tuning coefficients can be different
for each one. Both the laser system and the WTCP can
easily be characterized with the WTCP Evaluation Board.
Once operation is understood with the evaluation board, the
optimized WTCP can be seamlessly transferred to an OEM
circuit board.
The WTCP also offers multiple safety features to protect
the laser system. These include current and voltage limits,
temperature-in-range signal, TEC voltage and current
monitors, and remote enable input. The intuitive evaluation
board made better system design simple and easy.
The compact WTCP is perfect for applications requiring
high efficiency, low power dissipation, and high stability in
space-constrained temperature control applications such as
Bridger Photonics' Length Metrology System and Thickness
Metrology Station.
Figure 6. WTCP 5 A, 5 V PWM Temperature Controller



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com