Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC03 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-TC03
Description  Single-Mode, Narrow Band Photon Source Using SPDC for Hybrid Quantum Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC03 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-TC03 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-TC03 Rev. A
Page 3
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
With this system, both lasers can be stabilized to the Cs D2
line and independently tuned to specific frequencies.
The OPO has been designed in a linear, semihemispherical
configuration. This allows for non-degeneracy in transverse
modes with asymmetric geometry. This simplifies alignment
and coupling the light to the single-mode (SM) fibers. Inside
the cavity there are two crystals. The first is a 30 mm-
long Periodically Poled Potassium Titanyl Phosphate
(PPKTP) Type-II crystal used for the SPDC. The second
crystal is added specifically to tune the cluster separation
independently of the SPDC phase matching, solving a
critical issue with previous methods. It is 15 mm-long
Barium Borate (BBO). Tuning the cluster effect allows a
broad range of frequencies of photon generation. The
temperature stability of these crystals is critical to the
success of the photon source. The crystal temperature
needs to be regulated to a high level of precision for control
of the characteristics of the beam passing through it given
the temperature-dependent birefringent properties of
the crystal. Once the two beams (pump and probe) pass
through the cavity, the residual pump beam is separated
from the single photons using two dichroic mirrors (DM),
two long pass filters, and one bandpass filter. This way, only
the single photons are coupled into the single-mode fibers.
To couple the photons into the SM fibers, a Polarizing
Beam Splitter (PBS) is used to separate the signal and
idler photons. This is possible due to the SPDC crystal
properties. The PPKTP is a Type-II crystal, meaning the
output photons (signal and idler) have perpendicular
polarizations. In this way, when separated using the PBS,
one photon in the pair can be heralded by the detection of
the other in the pair using Avalanche Photodiodes (APD).
The photons are then counted for detection and analysis.
RESULTS
With this novel design, the researchers have accomplished
the goal of a single-mode, narrow-band photon source using
an OPO for SPDC. The cross-correlation function, G(1,1) (τ)
and the autocorrelation function, G(2)(τ) characterize the
spectral properties of this photon source. These functions
are related to the bandwidth and number of modes of the
photon source. The cross-correlation function is related to
the probability of detecting a signal photon at time t and an
idler photon at time t + τ.
The FWHM of the cross correlation temporal profile
is defined as the cross correlation time, τ
c,
and is
inversely proportional to the bandwidth of emitted photons.1
Figure 4 shows the measured cross correlation.
From the data, the effective bandwidth of the photons
is found to be 10.9 ± 0.3 MHz for the photon pairs. This
is close to the few megahertz linewidth of typical atomic
transitions.
The autocorrelation function is related to the statistics of the
single SPDC fields and the number of modes in the system.
Figure 3. Narrow-band single photon source. Two
tunable diode lasers operating at 852 nm—called probe,
stabilized to Cs D2 line via polarization spectroscopy—
and 426 nm—called pump—locked to the probe by
frequency-offset lock constitute the laser system. The
OPO cavity’s geometry is semihemispherical, and it
contains two crystals: A 30-mm-long PPKTP (periodically
poled potassium titanyl phosphate) for collinear, type-II
phase-matched SPDC of 426 nm–852 nm and a 15-mm-
long BBO (barium borate) for tuning the cluster effect.
Two optical shutters switch the probe beam and block
the APDs to iterate between the cavity lock and the
measurement mode with 60% duty cycle. The photons are
coupled into single-mode fibers and routed to the APDs
and the TTM for analyzing the temporal correlations.1
Figure 4. Experimental Cross Correlation with Curve
Fit1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com