Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC03 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-TC03
Description  Single-Mode, Narrow Band Photon Source Using SPDC for Hybrid Quantum Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC03 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-TC03 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC03 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-TC03 Rev. A
Page 4
© 2020 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
The value at 0 decay can show the number of modes in the
cavity, N:
(3)
giving a single mode value (N=1) of G(2)(0) = 2.
Figure 5
shows the delays calculated from the TTM recordings.
From this plot, the peak value at 0 decay is 1.942 ± 0.001,
corresponding to single-frequency-mode operation.
Another parameter that is used to characterize photon
sources is the heralded or conditional second-order
correlation function, g(2)(τ). Detection of the signal photon
is heralded (or known to be detected) by the detection
of a idler photon. An ideal single-photon source will have
g(2)(0) = 0. The data from this study recorded a value of
g(2) = 0.04 ± 0.01 at 1 mW of pump power showing an
almost perfect single-photon source without higher order
emissions.1
At 10 mW of pump power, researchers recorded 2.5 kHz
2-fold coincidence counts. This translates to a photon-pair
generation rate of 47.5 kHz leading to a spectral brightness
of 436 s-1 mW-1 MHz-1. This rate surpasses all previously
known research of single-mode photon pair generation
while maintaining the high level of purity. This method
reduces losses known to previous systems and provides
solutions for many quantum applications.
G(2) (0) = 1 + 1N
WAVELENGTH'S ROLE
The Optical Parametric Oscillator (OPO) is highly
dependent on the temperature of the crystal. Changing
temperature alters the index of refraction which changes
the wavelength of the light. The crystal can also change
length due to temperature, causing a shift in efficiency and
cluster tuning capabilities. Temperature regulation of both
crystals in the OPO cavity is essential.
Wavelength Electronics' PTC5K-CH (
Figure 6) provides a
current limit of 5 A with multiple features and benefits. In this
application it controlled the temperature of the crystals in
the OPO cavity with precision better than 2 mK, generating
the necessary crystal stability.
The PTC5K-CH temperature controller operates from
a single power supply between 5 V and 30 V. The linear
bipolar controller can drive a Peltier thermoelectric cooler or
a resistive heater, and integrates easily into the system. It
can stabilize temperature to 0.0012ºC.
The compact chassis mount design simplifies heatsinking
and requires minimal space. The PTC5K-CH can be
found in systems in diverse applications such as particle
and droplet measurement, biomolecular interaction
analysis, manufacturing machine vision systems, and now
single-mode narrow-bandwidth photon sources for hybrid
quantum applications.
Figure 5. Experimental Autocorrelation with Fit Curve1
Figure 6. PTC5K-CH Temperature Controller



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com