Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD250MTC5 LAB Datasheet(PDF) 19 Page - Wavelength Electronics, Inc.

Part # LD250MTC5 LAB
Description  Laser Diode Driver & Temperature Controller — with IntelliTune®
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LD250MTC5 LAB Datasheet(HTML) 19 Page - Wavelength Electronics, Inc.

Back Button LD250MTC5 LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. LD250MTC5 LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. LD250MTC5 LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. LD250MTC5 LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. LD250MTC5 LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. LD250MTC5 LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. LD250MTC5 LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. LD250MTC5 LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. LD250MTC5 LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19
ADJUST THE SETPOINT
1. Press to access the TC Control Screen.
2. Press the
Setpoint temperature value and
turn the adjustment knob until the desired
temperature is displayed.
The actual temperature of the sensor is displayed in green
and is not editable.
Figure 32. TC Control Screen
The TC Control screen is also the location of the PID control
parameters, and IntelliTune. To change any of the PID values,
press the number and turn the adjustment knob until the
desired value is displayed. To change the IntelliTune mode,
press the mode to cycle through the options.
ENABLE TC CURRENT
Press the
TC ENABLE button. There is no delay before the
button illuminates blue and the current flows. Once the current
is enabled, the actual temperature should move toward the
setpoint temperature.
When the actual temperature is near the setpoint, a green
target symbol is displayed to indicate that the actual
temperature is within the specified tolerance window around
the setpoint. Tolerance is set on the TC Settings screen, see
page 14.
INTELLITUNE:
INTELLIGENT AUTOTUNE
IntelliTune adjusts the PID coefficients, as well as the voltage
limit.
1. Disable all output current.
2. On the TC Control Screen, ensure either
Setpoint Response or Disturbance Rejection is
chosen for
Tune mode:
•
Setpoint Response: This setting has a fast time to
temperature and will overshoot.
•
Disturbance Rejection: This setting has a quick return
to setpoint after stability is reached. It is best for pulsing
lasers or active loads, or if ambient temperature fluctuates.
•
Manual Tuning: Turns IntelliTune off.
3. On the TC Limits screen, set Max/Min Temperature
Limits.
4. Adjust the setpoint off ambient temperature by about 5ºC.
5. Make sure the setpoint will not cause a
sensor bias current change by choosing a
setpoint between 0.075 to 10 V. The scan
is completed at a single bias current level.
For 10 kΩ thermistors the troublesome
temperatures are around -21ºC and 32ºC. For
50 kΩ thermistors, the troublesome temperatures are
around 11ºC and 71ºC.
6.
7. Press to start a characterization scan.
NOTES:
• The process takes three sweeps and can take several minutes.
The “note” icon fills with red to indicate a scan is in progress. If
any portion of the icon is red and you want to stop the process,
press the “note” icon to abort the session. If the session is
aborted, the PID coefficients revert to the previously used
coefficients.
• When the characterization process is complete, the new PID
coefficients display and the icon reverts to green.
• Tune only in temperature mode. Sensor Raw mode is not
supported.
• When IntelliTune is running, the following controls are disabled:
Bias Current Selection, Sensor Selection, Heating Current Limit,
Cooling Current Limit, TEC Limit Voltage, Temperature Setpoint,
Proportional Gain, Integrator Time Constant, Differentiator Time
Constant, IntelliTune Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com