Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDTC 2/2E Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # LDTC 2/2E
Description  Laser Diode & Temperature Controllers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC 2/2E Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  LDTC 2/2E Datasheet HTML 1Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 2Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 3Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 4Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 5Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 6Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 7Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 8Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
© 2022
www.teamWavelength.com
3
LDTC2/2 LASER DIODE DRIVER AND TEMPERATURE CONTROLLER
RECOMMENDED THERMOELECTRIC TEST
LOAD
For the temperature controller, recommended simulated
thermoelectric and thermistor circuits are shown in
Figure 5
and
Figure 6. Configuring the temperature controller using
test loads is recommended for setting the thermoelectric
controller limits or to check the temperature controller
operation.
RLOAD
TEC+
(Pin J3-6)
TEC-
(Pin J3-7)
RLOAD = 1 Ω, Rated >10 W
TEC Test Load
IMETER
Figure 5. Simulated Thermoelectric Test Load
R1
R1 = 10 kΩ, ¼ W resistor
SEN-
(Pin J3-9)
SEN+
(Pin J3-8)
Simulated Thermistor
Figure 6. Simulated Thermistor
This circuit simulates a 10 kΩ thermistor operating at 25°C.
Use the 100 µA bias current setting to create a 1 V sensor
signal. Other resistor values can be used depending on
the sensor voltage you wish to simulate. To drive cooling
current, set T SET to 1.35 V and to drive heating current, set
T SET to 0.85 V.
NOTE: To stay within the Safe Operating Area while using
the test load, V
S must not exceed 5 V.
RECOMMENDED LASER DRIVER TEST LOAD
For the laser diode driver, recommended simulated laser
loads are shown in
Figure 3 and Figure 4.
1N4001
1N4001
LDC
(Pin J3-1)
LDA
(Pin J3-4)
1 Ω, 2 W
Constant Current Mode
Figure 3. Constant Current Mode Test Load
In Constant Power Mode, the setpoint correlates to the
photodiode feedback current, which represents a fraction
of the light power emitted by the laser diode. Photodiode
current is measured by monitoring LD P MON.
24 Ω
1N4001
1N4001
2N3906
0.33 µF
PDA
(Pin J3-2)
LDA
(Pin J3-4)
LDC
(Pin J3-1)
Constant Power Mode
The 24 Ω resistor typically
produces approximately 30 mA
laser driver current. Vary the
resistor value to change the
output current.
1 Ω, 2 W
Figure 4. Constant Power Mode Test Load
NOTE: To determine the actual drive current, measure
the voltage drop across the 1 Ω resistor. Do not insert an
ammeter in series with the output circuit; doing so may
cause instability in the control loop. To stay within the Safe
Operating Area while using the test load, V
S must not exceed
5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com