Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDTC 2/2E Datasheet(PDF) 10 Page - Wavelength Electronics, Inc.

Part # LDTC 2/2E
Description  Laser Diode & Temperature Controllers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC 2/2E Datasheet(HTML) 10 Page - Wavelength Electronics, Inc.

Back Button LDTC 2/2E Datasheet HTML 6Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 7Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 8Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 9Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 10Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 11Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 12Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 13Page - Wavelength Electronics, Inc. LDTC 2/2E Datasheet HTML 14Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
© 2022
www.teamWavelength.com
10
LDTC2/2 LASER DIODE DRIVER AND TEMPERATURE CONTROLLER
POWER SUPPLY SELECTION
The V
DD voltage supply input is common to both the
WLD33ND and the WTC32ND. This supply furnishes the
voltage to the control electronics of the devices as well as
the compliance voltage for the WLD33ND laser driver.
The supply should be capable of providing at least 3.0 A
of current in applications that use a separate V
S supply
in the temperature control implementation. Temperature
control applications that tie V
DD and VS together require a
V
DD current capacity that equals the sum of the maximum
TEC or Resistive Heater current, plus the maximum laser
diode current, plus approximately 200 mA for the control
electronics of the WTC32ND temperature controller and the
WLD33ND laser driver, plus current to an optional fan. Using
the maximum potential of the WLD and WTC will not require
more than 6.0 A.
V
S is the voltage that is applied to the TEC or Resistive
Heater. This voltage should be high enough to supply the
voltage required by the TEC or Resistive Heater plus the
compliance required by the WTC. The voltage available to
the TEC will be from between 0.5 to 1.8 V lower than V
S. To
minimize power dissipation in the WTC, keep V
S as low as
possible.
Calculate the maximum internal power dissipation of your
design
before applying power to the LDTC2/2. There are
Safe Operating Calculators available on our website.
TEMPERATURE SETPOINT
Wavelength introduces a special setpoint circuit with the
LDTC2/2. An onboard trimpot (TSET) will adjust the voltage
from 0.3 to 2.5 V. Additionally, Pins 11 (R TC SET) &
12 (COM) of Connector J2 will accept a DAC voltage (from
0.3 to 2.5 V). The new feature - the “Failsafe Setpoint” will
default the setpoint to 1 V (~25°C for a 10 kΩ thermistor) if
the chosen signal (from the onboard trimpot or DAC) falls
below 0.3 V.
A jumper (ExtTset) lets you choose to use only the
on-board potentiometer or the external voltage, as shown in
Figure 7 below.
Use On-board
trimpot
OR
Sum ExtTset with
trimpot
S2
S2
Use External
Voltage only
ExtTset Vset PDset
ExtTset Vset PDset
Figure 7. Source of setpoint.
The ExtTset jumper configures the Remote Temperature
Setpoint choice. There is approximately 100 mV of
hysteresis built into the default voltage. The input impedance
of R TC SET is greater than 20 kΩ and is fully buffered. If
you use a different sensor or would prefer a different default
voltage, contact Wavelength.
MONITOR ACTUAL TEMPERATURE & SETPOINT
Pins 9 & 10 of Connector J2 are ACT T MONitor
and SET T MONitor, respectively. Measure the actual
sensor voltage across Pin 9 and Pin 12 (COM). For a 10 kΩ
thermistor with the default 100 μA bias current, the resistance
(in kΩ) is given by:
R = 10 · V
J2_PIN9
To monitor the setpoint voltage used by the WTC, use Pins
10 and 12.
ENABLE CURRENT TO TEC
Output current is supplied to the load as soon as power is
applied to the controller. The Power LED indicator will light
GREEN when power is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com