Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F11W68ASM Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F11W68ASM
Description  RENESAS MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11W68ASM Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F11W68ASM Datasheet HTML 9Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 10Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 11Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 12Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 13Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 14Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 15Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 16Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
RL78/G1M, G1N
2. ELECTRICAL SPECIFICATIONS
R01DS0378EJ0100 Rev.1.00
13 of 28
May 29, 2020
2.3 DC Characteristics
2.3.1 Pin characteristics of RL78/G1M
(TA = –40 to +85°C, 2.0 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current,
highNote 1
IOH1
Per pin for
P00 to P07, P10 to P16, P40
–10Note 2
mA
Total of P00 to P05
(When duty
≤ 70%)Note 3
4.0 V
≤ VDD ≤ 5.5 V
–50
mA
2.7 V
≤ VDD < 4.0 V
–10
mA
2.0 V
≤ VDD < 2.7 V
–7.5
mA
Total of P06, P07, P10 to P16, P40
(When duty
≤ 70%)Note 3
4.0 V
≤ VDD ≤ 5.5 V
–80
mA
2.7 V
≤ VDD < 4.0 V
–16
mA
2.0 V
≤ VDD < 2.7 V
–12
mA
Total of all pins (When duty
≤ 70%)Note 3
–130
mA
Output current, low
IOL1
Per pin for P00 to P07, P10 to P16, P40
20Note 2
mA
Total of P00 to P05
(When duty
≤ 70%)Note 4
4.0 V
≤ VDD ≤ 5.5 V
60
mA
2.7 V
≤ VDD < 4.0 V
9
mA
2.0 V
≤ VDD < 2.7 V
1.8
mA
Total of P06, P07, P10 to P16, P40
(When duty
≤ 70%)Note 4
4.0 V
≤ VDD ≤ 5.5 V
100
mA
2.7 V
≤ VDD < 4.0 V
15
mA
2.0 V
≤ VDD < 2.7 V
3
mA
Total of all pins (When duty
≤ 70%)Note 4
160
mA
Notes 1.
Value of current at which the device operation is guaranteed even if the current flows from the VDD pin to an
output pin.
2.
Do not exceed the total current value.
3.
Specification under conditions where the duty factor
≤ 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated with the
following expression (when changing the duty factor from 70% to n%).
● Total output current of pins = (IOH × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOH = -10.0 mA
Total output current of pins = (-10.0 × 0.7)/(80 × 0.01)
≈ -8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor. A
current higher than the absolute maximum rating must not flow into one pin.
4.
Specification under conditions where the duty factor
≤ 70%.
The output current value that has changed to the duty factor > 70% the duty ratio can be calculated with the
following expression (when changing the duty factor from 70% to n%).
● Total output current of pins = (IOL × 0.7)/(n × 0.01)
<Example> Where n = 80% and IOL = 10.0 mA
Total output current of pins = (10.0 × 0.7)/(80 × 0.01)
≈ 8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor. A
current higher than the absolute maximum rating must not flow into one pin.
Caution P06 and P10 do not output high level in N-ch open-drain mode.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com