Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F11W68ASM Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F11W68ASM
Description  RENESAS MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11W68ASM Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F11W68ASM Datasheet HTML 17Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 18Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 19Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 20Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 21Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 22Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 23Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 24Page - Renesas Technology Corp R5F11W68ASM Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
RL78/G1M, G1N
2. ELECTRICAL SPECIFICATIONS
R01DS0378EJ0100 Rev.1.00
21 of 28
May 29, 2020
(2) CSI mode (master mode, SCKp...internal clock output)
(TA = –40 to +85°C, 2.0 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCKp cycle time
tKCY1
tKCY1
≥ 4/fCLK
2.7 V
≤ VDD ≤ 5.5 V
200
ns
2.0 V
≤ VDD ≤ 5.5 V
800
ns
SCKp high-/low-level width
tKH1, tKL1
2.7 V
≤ VDD ≤ 5.5 V
tKCY1/2 – 18
ns
2.0 V
≤ VDD ≤ 5.5 V
tKCY1/2 – 50
ns
SIp setup time (to SCKp
↑)Note 1
tSIK1
2.7 V
≤ VDD ≤ 5.5 V
47
ns
2.0 V
≤ VDD ≤ 5.5 V
110
ns
SIp hold time (from SCKp
↑)Note 1
tKSI1
19
ns
Delay time from SCKp
↓ to SOp
outputNote 2
tKSO1
C = 30 pFNote 3
25
ns
Notes 1. When DAP0n = 0 and CKP0n = 0, or DAP0n = 1 and CKP0n = 1. The SIp setup time becomes “to SCKp
↓” and
SIp hold time becomes “from SCKp
↓” when DAP0n = 0 and CKP0n = 1, or DAP0n = 1 and CKP0n = 0.
2. When DAP0n = 0 and CKP0n = 0, or DAP0n = 1 and CKP0n = 1. The delay time to SOp output becomes “from
SCKp
↑” when DAP0n = 0 and CKP0n = 1, or DAP0n = 1 and CKP0n = 0.
3. C is the load capacitance of the SCKp and SOp output lines.
Remark p: CSI number (p = 00), n: Channel number (n = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com