Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10267ASM Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F10267ASM
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10267ASM Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F10267ASM Datasheet HTML 36Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 37Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 38Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 39Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 40Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 41Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 42Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 43Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 40 of 109
UART mode connection diagram (during communication at different potential)
RL78
microcontroller
TxDq
RxDq
Rx
Tx
User's device
Vb
Rb
UART mode bit width (during communication at different potential) (reference)
TxDq
RxDq
Baud rate error tolerance
High-/Low-bit width
1/Transfer rate
Baud rate error tolerance
High-bit width
Low-bit width
1/Transfer rate
Remarks 1. Rb[
Ω]: Communication line (TxDq) pull-up resistance, Cb[F]: Communication line (TxDq) load capacitance,
Vb[V]: Communication line voltage
2. q: UART number (q = 0 to 2), g: PIM and POM number (g = 0, 1)
3. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the serial clock select register m (SPSm) and the CKSmn bit of serial mode
register mn (SMRmn).
m: Unit number, n: Channel number (mn = 00 to 03, 10, 11))
4. UART0 of the 20- and 24-pin products supports communication at different potential only when the
peripheral I/O redirection function is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com