Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10267ASM Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F10267ASM
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10267ASM Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F10267ASM Datasheet HTML 69Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 70Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 71Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 72Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 73Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 74Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 75Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 76Page - Renesas Technology Corp R5F10267ASM Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
RL78/G12
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 73 of 109
(3) Peripheral functions (Common to all products)
(TA = –40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-speed onchip
oscillator operating
current
IFIL Note 1
0.20
µA
12-bit interval timer
operating current
ITMKA
Notes 1, 2, 3
0.02
µA
Watchdog timer
operating current
IWDT
Notes 1, 2, 4
fIL = 15 kHz
0.22
µA
A/D converter
operating current
IADC
Notes 1, 5
When conversion
at maximum speed
Normal mode, AVREFP = VDD = 5.0 V
1.30
1.70
mA
Low voltage mode,
AVREFP = VDD = 3.0 V
0.50
0.70
mA
A/D converter
reference voltage
operating current
IADREF
Note 1
75.0
µA
Temperature sensor
operating current
ITMPS
Note 1
75.0
µA
LVD operating current
ILVD
Notes 1, 6
0.08
µA
Self-programming
operating current
IFSP
Notes 1, 8
2.00
12.20
mA
BGO operating
current
IBGO
Notes 1, 7
2.00
12.20
mA
SNOOZE operating
current
ISNOZ
Note 1
ADC operation
The mode is performed Note 9
0.50
1.10
mA
The A/D conversion operations are
performed, Low voltage mode, AVREFP
= VDD = 3.0 V
1.20
2.04
mA
Simplified SPI (CSI)/UART operation
0.70
1.54
mA
Notes 1. Current flowing to the VDD.
2. When high speed on-chip oscillator and high-speed system clock are stopped.
3. Current flowing only to the 12-bit interval timer (excluding the operating current of the low-speed on-chip
oscillator). The current value of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3, and IFIL and ITMKA when
the 12-bit interval timer operates.
4. Current flowing only to the watchdog timer (including the operating current of the low-speed on-chip oscillator).
The current value of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3 and IWDT when the watchdog timer
operates.
5. Current flowing only to the A/D converter. The current value of the RL78 microcontrollers is the sum of IDD1 or
IDD2 and IADC when the A/D converter operates in an operation mode or the HALT mode.
6. Current flowing only to the LVD circuit. The current value of the RL78 microcontrollers is the sum of IDD1, IDD2 or
IDD3 and ILVD when the LVD circuit operates.
7. Current flowing only during data flash rewrite.
8. Current flowing only during self programming.
9. For shift time to the SNOOZE mode, see 17.3.3 SNOOZE mode in the RL78/G12 User’s Manual.
Remarks 1. fIL: Low-speed on-chip oscillator clock frequency
2. Temperature condition of the TYP. value is TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com