Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC3303 Datasheet(PDF) 7 Page - STMicroelectronics

Part # MC3303
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3303 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MC3303 Datasheet HTML 3Page - STMicroelectronics MC3303 Datasheet HTML 4Page - STMicroelectronics MC3303 Datasheet HTML 5Page - STMicroelectronics MC3303 Datasheet HTML 6Page - STMicroelectronics MC3303 Datasheet HTML 7Page - STMicroelectronics MC3303 Datasheet HTML 8Page - STMicroelectronics MC3303 Datasheet HTML 9Page - STMicroelectronics MC3303 Datasheet HTML 10Page - STMicroelectronics MC3303 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1/4
MC3403
eo
V
CC
C
O
C
O
= 10C
C
R3
R2
R1
e I
V(ref)
V(ref)
1
2
V
CC
=
C
Given
fo = Center frequency ; choose values fo, C then
R3
=
Q
πfoC
•
A (fo) = Gain at center frequency
R1
=
R3
2A
( fo )
•
R2
=
R1 R5
4Q
2 R1
− R5•
For less than 10% error from operational amplifier
Qofo
BW
< 0.1 where fo and BW are expressed in Hz
If source impedance varies, filter may be preceded with voltage follower buffer to stabilize filter parameters
MULTIPLE FEEDBACK BANDPASS FILTER
1/4
MC3403
V(ref)
V(ref)
1
2
V
CC
=
Triangle wave output
C
1/4
MC3403
R2
300k
Ω
Square wave output
R3
75k
Ω
R1
100k
Ω
V(ref)
R1 + R2
4 CR R1
f =
f
if R3 =
R2 R1
R2 + R1
R f
APPLICATION INFORMATION (continued)
FUNCTION GENERATOR
MC3303 - MC3403 - MC3503
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com