Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC3303 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MC3303
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3303 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MC3303 Datasheet HTML 2Page - STMicroelectronics MC3303 Datasheet HTML 3Page - STMicroelectronics MC3303 Datasheet HTML 4Page - STMicroelectronics MC3303 Datasheet HTML 5Page - STMicroelectronics MC3303 Datasheet HTML 6Page - STMicroelectronics MC3303 Datasheet HTML 7Page - STMicroelectronics MC3303 Datasheet HTML 8Page - STMicroelectronics MC3303 Datasheet HTML 9Page - STMicroelectronics MC3303 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1/4
MC3403
1/4
MC3403
1/4
MC3403
e1
R1
a R1
b R1
1
C
R
R
1
C
R
R
eo
e2
eo = C (1 + a + b) (
-
)
e1
e 2
APPLICATION INFORMATION (continued)
HIGH IMPEDANCE DIFFERENTIAL
AMPLIFIER
R1
1/4
MC3403
VO
V(ref)
V I
R2
VO
Hysteresis
VOH
V OL
V(ref)
VI L
VI H
VIL
=
R1
R1
+ R2
[ VOL
−V(ref) ] + V(ref)
VIH
=
R1
R1
+ R2
[ VOH
−V(ref) ] + V(ref)
H
=
R1
R1
+ R2
[ VOH
− V
OL ]
COMPARATOR WITH HYSTERESIS
1/4
MC3403
1/4
MC3403
1/4
MC3403
1/4
MC3403
R
R
C
C
R
100k
Ω
100k
Ω
C1
R2
e
I
V(ref)
R2
R1
Bandpass output
V(ref)
V(ref)
R3
V(ref)
C1
Notch output
R = 160k
Ω
C = 0.001
µ F
R1 = 1.6M
Ω
R2 = 1.6M
Ω
R3 = 1.6M
Ω
T = Passband notch gain
N
Where T
= Center frequency gain
BP
V(ref ) =
1
2
VCC
fO
=
1
2
Π RC
R1 = QR
R2
=
R1
TBP
R3 = TN R2
C1 = 10C
For :
fO= 1kHz
Q = 10
TBP = 1
TN = 1
BI-QUAD FILTER
MC3303 - MC3403 - MC3503
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com