Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NJW1201AFH2 Datasheet(PDF) 23 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 23 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
NJW1201A
– 23 –
(c)Treble
(c-1)Boost
(c-2)Cut
(dB)
Table.a-1 : Internal resistance in each Gain.
Gain
R1
R2
±14dB
22kΩ
4kΩ
±12dB
20.2kΩ
5.8kΩ
±10dB
18.4kΩ
7.6kΩ
±8dB
16.1kΩ
9.9kΩ
±6dB
13.3kΩ
12.7kΩ
±4dB
9.8kΩ
16.2kΩ
±2dB
5.5kΩ
20.5kΩ
±0dB
0Ω
26kΩ
()
() ⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
×
×
×
+
×
+
±
=
2
2
1
2
/
1
1
1
2
1
1
20
R
C
f
R
R
Log
G
V
π
TONE-H(PIN:8,32)
C1
IN
OUT
R2
R1
IN
OUT
TONE-H(PIN:8,32)
R1
R2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com