Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NJW1201AFH2 Datasheet(PDF) 25 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 25 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
NJW1201A
– 25 –
Gain vs Frequency (ealaRebirth)
V+=9V, Vin(Ach)=0.1Vrms, Vo(Ach), Ta=25oC
-5
0
5
10
10
100
1000
10000
100000
Frequency (Hz)
Gain vs Frequency (eala)
V+=9V, Vin(Ach)=0.1Vrms, Vo(Ach), Ta=25oC
-5
0
5
10
10
100
1000
10000
100000
Frequency (Hz)
Gain vs Frequency (eala+ealaRebirth)
V+=9V, Vin(Ach)=0.1Vrms, Vo(Ach), Ta=25oC
-5
0
5
10
10
100
1000
10000
100000
Frequency (Hz)
Gain vs Frequency (ealaRebirth)
V+=9V, Vin(Ach)=0.1Vrms, Vo(Ach), Ta=25oC
-5
0
5
10
10
100
1000
10000
100000
Frequency (Hz)
Gain vs Frequency (eala+ealaRebirth)
V+=9V, Vin(Ach)=0.1Vrms, Vo(Ach), Ta=25oC
-5
0
5
10
10
100
1000
10000
100000
Frequency (Hz)
Gain vs Frequency (eala)
V+=9V, Vin(Ach)=0.1Vrms, Vo(Ach), Ta=25oC
-5
0
5
10
10
100
1000
10000
100000
Frequency (Hz)
150nF
100nF
47nF
68nF
C21:Sweep , C22=4.7nF
150nF
100nF
47nF
68nF
C21:Sweep , C22=4.7nF
47n,68n,100n,150nF
C21:Sweep , C22=4.7nF
10nF
6.8nF
3.3nF
4.7nF
C21:68nF , C22=Sweep
10nF
6.8nF
3.3nF
4.7nF
C21:68nF , C22=Sweep
10nF
6.8nF
3.3nF
4.7nF
C21:68nF , C22=Sweep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com