Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAPR2 Datasheet(PDF) 17 Page - Clarke International

Part # PAPR2
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR2 Datasheet(HTML) 17 Page - Clarke International

Back Button PAPR2 Datasheet HTML 13Page - Clarke International PAPR2 Datasheet HTML 14Page - Clarke International PAPR2 Datasheet HTML 15Page - Clarke International PAPR2 Datasheet HTML 16Page - Clarke International PAPR2 Datasheet HTML 17Page - Clarke International PAPR2 Datasheet HTML 18Page - Clarke International PAPR2 Datasheet HTML 19Page - Clarke International PAPR2 Datasheet HTML 20Page - Clarke International PAPR2 Datasheet HTML 21Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SECTION 5-CARE & MAINTENANCE
HELMET CARE & MAINTENANCE
Damaged components must be replaced immediately to avoid risk of eye and face
injuries. Periodically inspect the filter cartridge and lenses. Cracked, pitted or
scratched lenses reduce vision and seriously reduce the level of protection and should
be replaced with genuine, certified spare parts.
The cartridge can be wiped with a household glass cleaner when dirty. Apply the
cleaner with a clean cloth or paper towel. DO NOT USE ALCOHOL TO CLEAN. DO NOT
APPLY CLEANER DIRECTLY TO THE CARTRIDGE.
Clean all lenses with a soft tissue and suitable lens cleaning fluid. Do not use solvents.
Never use tools or other sharp objects to remove material from the lens or screen.
This may cause damage which may cause incorrect function and invalidate the
warranty. Store the unit in it’s box or similar safe place.
FRONT COVER LENS REPLACEMENT
Replace the front cover lens if it is damaged (cracked, scratched, pitted or dirty).
Remove the old front cover the lens by pressing two lock switches at the bottom of
the retaining frame and pull the frame and ADF out. Take the old front cover lens out,
and remove any protective film before installing the new one.
INSIDE COVER LENS REPLACEMENT
Replace the inside cover lens if it is damaged (cracked, scratched, pitted or dirty).
Place your finger or thumb into the recess and flex the inside cover lens upwards until
it releases from one edge.
Then remove any protective film before installing the new one.
BATTERY REPLACEMENT
When the low voltage indicator turns red, the batteries need replacing. Removing the
ADF from the retaining frame. Slide the cover plates on the top left and right and
replace the old batteries by lithium batteries. Replace the cover plates of the batteries
and install the ADF back to the frame.
CLEANING AND STORING
Keep the sensors, solar cell and filter lens clean. Clean filter cartridge and helmet shell
by using a soapy water solution and soft cloth. Do not use solvents or abrasive
cleaning detergent. Switch the product to Grind Mode and put it in a clean, dry
location for storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com