Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F1214CASP Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R5F1214CASP
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1214CASP Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R5F1214CASP Datasheet HTML 59Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 60Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 61Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 62Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 63Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 64Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 65Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 66Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
RL78/G16
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, TA = −40 to +125°C)
R01DS0431EJ0130
Rev.1.30
Page 63 of 85
May 19, 2025
3.5
Serial Interface Characteristics
AC Timing Test Points
VIH/VOH
VIH/VOH
Test points
VIL/VOL
VIL/VOL
3.5.1
Serial array unit
(1)
UART mode
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Transfer rate
fMCK/12
bps
Theoretical value of the maximum
transfer rate
fCLK = fMCK = 16 MHz
1.3
Mbps
UART mode connection diagram
RL78
microcontroller
User device
TxD0
RxD0
Rx
Tx
UART mode bit width (reference)
Baud rate error tolerance
High-/low-bit width
1/Transfer rate
TxD0
RxD0
Remark
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by serial clock select register m (SPSm) and the CKSmn bit of serial mode register
mn (SMRmn). m: Unit number, n: Channel number (mn = 00, 11, 20))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com