Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F1214CASP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F1214CASP
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1214CASP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F1214CASP Datasheet HTML 1Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 2Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 3Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 4Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 5Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 6Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 7Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 8Page - Renesas Technology Corp R5F1214CASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
R01DS0431EJ0130
Rev.1.30
Page 1 of 85
May 19, 2025
DATASHEET
1.
OUTLINE
1.1
Features
Low power consumption technology
 VDD = single power supply voltage of 2.4 to 5.5 V
 HALT mode
 STOP mode
RL78 CPU core
 CISC architecture with 3-stage pipeline
 Minimum instruction execution time: Can be changed
from high speed (0.0625 μs: @ 16 MHz operation
with high-speed on-chip oscillator) to ultra-low speed
(30.5 μs: @ 32.768 kHz operation with subsystem
clock)
 Address space: 1 MB
 General-purpose registers: (8-bit register × 8) × 4
banks
 On-chip RAM: 2 KB
Code flash memory
 Code flash memory: 16 to 32 KB
 Block size: 1 KB
 Only write after erase is possible
 On-chip debug function
 Self-programming (with no boot swap function/flash
shield window function)
Data flash memory
 Data flash memory: 1 KB
 Block size: 512 B
 Unit of rewrites: 32 bits
 Background operation (BGO) is not supported
(instructions cannot be executed from the code flash
memory while rewriting the data flash memory)
 Number of rewrites: 1,000,000 times (TYP.)
 Voltage of rewrites: VDD = 2.4 to 5.5 V
High-speed on-chip oscillator
 Select from 16 MHz, 8 MHz, 4 MHz, 2 MHz, and
1 MHz
 Frequency accuracy ±1.0%
(VDD = 2.4 to 5.5 V, TA = −20 to +85°C)
(G: Industrial applications, M: Industrial applications)
 Frequency accuracy ±1.5%
(VDD = 2.4 to 5.5 V, TA = −40 to −20°C)
(G: Industrial applications, M: Industrial applications)
 Frequency accuracy ±1.5%
(VDD = 2.4 to 5.5 V, TA = +85 to +105°C)
(G: Industrial applications)
 Frequency accuracy ±1.5%
(VDD = 2.4 to 5.5 V, TA = +85 to +125°C)
(M: Industrial applications)
 Frequency accuracy ±2.0%
(VDD = 2.4 to 5.5 V, TA = −40 to +85°C)
(A: Consumer applications)
Operating ambient temperature
 TA = −40 to +85°C (A: Consumer applications)
 TA = −40 to +105°C (G: Industrial applications)
 TA = −40 to +125°C (M: Industrial applications)
Power management and reset function
 On-chip selectable power-on-reset (SPOR) circuit
(Select reset from 3 levels, stop setting is available)
Serial interface
 Simplified SPI (CSINote 1): 1 to 3 channels
 UART:
1 to 3 channel
 Simplified I2C:
1 to 3 channels
 I2C:
1 channel
Note 1.
Although the CSI function is generally called
SPI, it is also called CSI in this product, so it
is referred to as such in this manual.
RL78/G16
RENESAS MCU
True low-power platform, 61-µA/MHz operating current, TA = 125°C operation, from 10 to 32 pins,
16 to 32 KB code flash memory, 2 KB RAM, Capacitive touch sensing unit, 2.4 to 5.5 V
R01DS0431EJ0130
Rev.1.30
May 19, 2025


Similar Part No. - R5F1214CASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F1006A RENESAS-R5F1006A Datasheet
153Kb / 17P
PG-FP5
R5F1006A RENESAS-R5F1006A Datasheet
1Mb / 202P
True Low Power Platform
R5F1006A RENESAS-R5F1006A Datasheet
3Mb / 207P
True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R5F1006AASM RENESAS-R5F1006AASM Datasheet
3Mb / 207P
True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R5F1006AASP RENESAS-R5F1006AASP Datasheet
3Mb / 207P
True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
More results

Similar Description - R5F1214CASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com