Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T02-70PC1TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T02-70PC1TR
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02-70PC1TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T02-70PC1TR Datasheet HTML 11Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 12Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 13Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 14Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 15Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 16Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 17Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 18Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17/19
M48T02, M48T12
PART NUMBERING
Table 13. Ordering Information Scheme
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest you.
Example:
M48T
02
–70
PC
1
TR
Device Type
M48T
Supply Voltage and Write Protect Voltage
02 = VCC = 4.75 to 5.5V; VPFD = 4.5 to 4.75V
12 = VCC = 4.5 to 5.5V; VPFD = 4.2 to 4.5V
Speed
–70 = 100ns (M48T02/12)
–150 = 150ns (M48T02/12)
–200 = 200ns (M48T02/12)
Package
PC = PCDIP24
Temperature Range
1 = 0 to 70°C
Shipping Method for SOIC
blank = Tubes
TR = Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com