Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T02-70PC1TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48T02-70PC1TR
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02-70PC1TR Datasheet(HTML) 3 Page - STMicroelectronics

  M48T02-70PC1TR Datasheet HTML 1Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 2Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 3Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 4Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 5Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 6Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 7Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 8Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
M48T02, M48T12
SUMMARY DESCRIPTION
The M48T02/12 TIMEKEEPER® RAM is a 2Kb x 8
non-volatile static RAM and real time clock which
is pin and functional compatible with the DS1642.
A special 24-pin, 600mil DIP CAPHAT™ package
houses the M48T02/12 silicon with a quartz crystal
and a long life lithium button cell to form a highly
integrated battery backed-up memory and real
time clock solution.
The M48T02/12 button cell has sufficient capacity
and storage life to maintain data and clock func-
tionality for an accumulated time period of at least
10 years in the absence of power over the operat-
ing temperature range.
The M48T02/12 is a non-volatile pin and function
equivalent to any JEDEC standard 2Kb x 8 SRAM.
It also easily fits into many ROM, EPROM, and
EEPROM sockets, providing the non-volatility of
PROMs without any requirement for special
WRITE timing or limitations on the number of
WRITEs that can be performed.
Figure 2. Logic Diagram
Table 1. Signal Names
Figure 3. DIP Connections
AI01027
11
A0-A10
W
DQ0-DQ7
VCC
M48T02
M48T12
G
VSS
8
E
A0-A10
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
WRITE Enable
VCC
Supply Voltage
VSS
Ground
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A10
A8
A9
DQ7
W
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
VCC
AI01028
M48T02
M48T12
8
1
2
3
4
5
6
7
9
10
11
12
16
15
24
23
22
21
20
19
18
17
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com