Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-P9LR34-EM Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # GW-P9LR34-EM
Description  DURIS® S 8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-P9LR34-EM Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button GW-P9LR34-EM Datasheet HTML 3Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 4Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 5Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 6Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 7Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 8Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 9Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 10Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
GW P9LR34.EM
7 Version 1.2 | 2021-06-23
Chromaticity Coordinate Groups
Center
Center
3step
3step
5step
5step
Ø
CCT
Cx
Cy
a
b
a
b
2200 K
0.5020
0.4156
0.00721
0.00400
0.01201
0.00667
39.9
2700 K
0.4577
0.4098
0.00800
0.00410
0.01330
0.00680
54.1
3000 K
0.4339
0.4032
0.00860
0.00420
0.01420
0.00690
53.7
3500 K
0.4077
0.3929
0.00930
0.00420
0.01550
0.00690
53.9
4000 K
0.3818
0.3796
0.00940
0.00410
0.01570
0.00680
53.4
5000 K
0.3446
0.3551
0.00810
0.00350
0.01350
0.00590
59.8
5700 K
0.3287
0.3425
0.00720
0.00320
0.01190
0.00520
58.8
6500 K
0.3123
0.3282
0.00660
0.00270
0.01100
0.00450
58.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com