Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-P9LR34-EM Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # GW-P9LR34-EM
Description  DURIS® S 8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-P9LR34-EM Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button GW-P9LR34-EM Datasheet HTML 4Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 5Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 6Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 7Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 8Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 9Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 10Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 11Page - ams-OSRAM AG GW-P9LR34-EM Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
GW P9LR34.EM
8 Version 1.2 | 2021-06-23
1
2
3
4
5
CCT
Group
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
2200 K
E
0.5088 0.4249 0.4941 0.4156 0.4973 0.4157 0.5061 0.4210
F
0.5088 0.4249 0.5101 0.4161 0.5068 0.4160 0.5061 0.4210
G 0.5101 0.4161 0.4955 0.4054 0.4981 0.4093 0.5068 0.4158
H
0.4981 0.4093 0.4973 0.4157 0.4941 0.4156 0.4955 0.4054
2700 K
E
0.4637 0.4212 0.4491 0.4081 0.4526 0.4088 0.4613 0.4166
F
0.4637 0.4212 0.4663 0.4115 0.4628 0.4108 0.4613 0.4166
G 0.4663 0.4115 0.4517 0.3984 0.4541 0.4030 0.4628 0.4108
H
0.4541 0.4030 0.4526 0.4088 0.4491 0.4081 0.4517 0.3984
3000 K
E
0.4393 0.4153 0.4246 0.4002 0.4283 0.4014 0.4371 0.4105
F
0.4393 0.4153 0.4432 0.4062 0.4395 0.4050 0.4371 0.4105
G 0.4432 0.4062 0.4285 0.3911 0.4307 0.3960 0.4395 0.4050
H
0.4307 0.3960 0.4283 0.4014 0.4246 0.4002 0.4285 0.3911
3500 K
E
0.4118 0.4054 0.3977 0.3883 0.4017 0.3902 0.4102 0.4004
F
0.4118 0.4054 0.4177 0.3975 0.4137 0.3957 0.4102 0.4004
G 0.4177 0.3975 0.4036 0.3804 0.4052 0.3854 0.4137 0.3957
H
0.4052 0.3854 0.4017 0.3902 0.3977 0.3883 0.4036 0.3804
4000 K
E
0.3845 0.3913 0.3714 0.3737 0.3756 0.3760 0.3834 0.3866
F
0.3845 0.3913 0.3922 0.3855 0.3880 0.3832 0.3834 0.3866
G 0.3922 0.3855 0.3791 0.3679 0.3802 0.3726 0.3880 0.3832
H
0.3802 0.3726 0.3756 0.3760 0.3714 0.3737 0.3791 0.3679
5000 K
E
0.3451 0.3648 0.3372 0.3528 0.3371 0.3496 0.3396 0.3514 0.3449 0.3609
F
0.3451 0.3648 0.3530 0.3612 0.3496 0.3588 0.3449 0.3609
G 0.3530 0.3612 0.3441 0.3454 0.3443 0.3493 0.3496 0.3588
H
0.3443 0.3493 0.3396 0.3514 0.3371 0.3496 0.3369 0.3445 0.3441 0.3454
5700 K
E
0.3283 0.3502 0.3212 0.3373 0.3213 0.3365 0.3242 0.3388 0.3284 0.3471
F
0.3283 0.3502 0.3363 0.3486 0.3332 0.3462 0.3284 0.3471
G 0.3363 0.3486 0.3291 0.3348 0.3290 0.3379 0.3332 0.3462
H
0.3291 0.3348 0.3215 0.3337 0.3213 0.3365 0.3242 0.3388 0.3290 0.3379
6500 K
E
0.3110 0.3340 0.3054 0.3220 0.3082 0.3245 0.3115 0.3317
F
0.3110 0.3340 0.3192 0.3344 0.3165 0.3319 0.3115 0.3317
G 0.3192 0.3344 0.3136 0.3224 0.3131 0.3247 0.3165 0.3319
H
0.3136 0.3224 0.3054 0.3220 0.3082 0.3245 0.3131 0.3247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com