Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-P9LR35-PM Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # GW-P9LR35-PM
Description  DURIS® S 8
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-P9LR35-PM Datasheet(HTML) 3 Page - ams-OSRAM AG

  GW-P9LR35-PM Datasheet HTML 1Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 2Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 3Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 4Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 5Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 6Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 7Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 8Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
GW P9LR35.PM
DATASHEET
DATASHEET
3 | Version 1.10 | 2022-09-21
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 180 mA
Φ
V
GW P9LR35.PM-L9M5-XX510-1
2200 K
170 ... 230 lm
Q65113A5355
GW P9LR35.PM-M1M5-XX58-1
2700 K
180 ... 230 lm
Q65112A8726
GW P9LR35.PM-M3M8-XX57-1
3000 K
200 ... 260 lm
Q65112A9860
GW P9LR35.PM-M3M8-XX56-1
3500 K
200 ... 260 lm
Q65113A5373
GW P9LR35.PM-M4M8-XX55-1
4000 K
210 ... 260 lm
Q65113A5237
GW P9LR35.PM-M4M8-XX53-1
5000 K
210 ... 260 lm
Q65113A5241
GW P9LR35.PM-M3M4-XX52-1
5700 K
200 ... 220 lm
Q65112A6819
GW P9LR35.PM-M3M8-XX51-1
6500 K
200 ... 260 lm
Q65112A9861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com