Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-P9LR35-PM Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # GW-P9LR35-PM
Description  DURIS® S 8
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-P9LR35-PM Datasheet(HTML) 5 Page - ams-OSRAM AG

  GW-P9LR35-PM Datasheet HTML 1Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 2Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 3Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 4Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 5Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 6Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 7Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 8Page - ams-OSRAM AG GW-P9LR35-PM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
GW P9LR35.PM
DATASHEET
DATASHEET
5 | Version 1.10 | 2022-09-21
Characteristics
I
F = 180 mA; TJ = 25 °C
Parameter
Symbol
Values
Viewing angle at 50% I
V
2φ
typ.
120 °
Forward Voltage 3)
I
F = 180 mA
V
F
min.
typ.
max.
5.20 V
5.50 V
5.80 V
Reverse current 2)
I
R
Not designed
for reverse
operation
Color Rendering Index 4)
(2200K - 6500K)
CRI
min.
typ.
70
72
Color Rendering Index (R9) 4)
CRI (R9)
min.
-50
Electrical thermal resistance junction/solderpoint
with efficiency η
e = 59 %
R
thJS elec.
typ.
1.5 K / W
Electro - Optical Characteristics 5)
T
J = 25 °C; CRI = 70; 4000 K
Forward Current
Forward Voltage
Power
Luminous Flux
Luminous efficacy
typ.
typ.
typ.
typ.
I
F
V
F
P
Φ
V
η
180 mA
5.50 V
1.0 W
216 lm
218 lm/W
360 mA
5.75 V
2.1 W
416 lm
201 lm/W
600 mA
6.03 V
3.6 W
664 lm
183 lm/W
640 mA
6.07 V
3.9 W
703 lm
181 lm/W
800 mA
6.22 V
5.0 W
853 lm
171 lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com