Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHS-M2HC Datasheet(PDF) 5 Page - PATLITE CORPORATION.

Part # EHS-M2HC
Description  Horn Type Annunciator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

EHS-M2HC Datasheet(HTML) 5 Page - PATLITE CORPORATION.

  EHS-M2HC Datasheet HTML 1Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 2Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 3Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 4Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 5Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 6Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 7Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 8Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
When connecting a Source-type PLC, be sure to insert a diode as indicated in the drawing below.
Failure to insert a diode will lead to possible malfunction.
DIODES
EHS-□H□
EHS-□T□
Cable
DC Power Supply
※Select a diode with ratings indicated below.
OUT
OUT
OUT
Forward Current
50mA or more
Channel 1 Lt. Blue
Terminal Buss
COM Brown
Reverse Voltage
50V or more
Insulate
OUT
OUT
OUT
OUT
OUT
Fuse
Power Supply White
DC10.8V~31.6V
Power Supply Black
GND
Channel 4 Bright green
Channel 3 Pink
Channel 2 Yellow
Channel 8 Blue
Channel 7 Green
Channel 6 Orange
Channel 5 Red
Drawing No.
Source Type
PLC
Rev.
Page
J
+
-
5/13
EHS-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com