Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHS-M2HC Datasheet(PDF) 9 Page - PATLITE CORPORATION.

Part # EHS-M2HC
Description  Horn Type Annunciator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

EHS-M2HC Datasheet(HTML) 9 Page - PATLITE CORPORATION.

Back Button EHS-M2HC Datasheet HTML 5Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 6Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 7Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 8Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 9Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 10Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 11Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 12Page - PATLITE CORPORATION. EHS-M2HC Datasheet HTML 13Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
- (5) Forced Playback OFF
With the sound reduction function turned ON, when a signal input is put on channel 8,
the sound level is reduced at playback.
The sound pressure for the sound reduction can be preset. (-10dB,-20dB,-30dB)
The Sound Reduction Function can be selected with the Mode Switch (DIPSW).
When the Sound Reduction Function is turned ON, the number of channels available
for playback in the Bit Input Mode is set to seven.
* Factory Setting: No Sound Reduction
- (5) Forced Playback ON
With a Forced Playback, if a signal line input occurs, the playback sound can be reduced.
The sound reduction level can be selected by the channel input.
Priority rank is channel3>channel2>channel1.
5-3. Sound Reduction
Drawing No.
Rev.
Page
J
-20dB
-30dB
Mode Switch Condition
Sound Reduction Volume
No Sound Reduction
-10dB
Channel3
-30dB
Signal Input Condition
Sound Reduction Volume
None
No Sound Reduction
Channel1
-10dB
Channel2
-20dB
9/13
EHS-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com