Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TFADFN Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F526TFADFN
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TFADFN Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F526TFADFN Datasheet HTML 1Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 2Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 3Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 4Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 5Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 6Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 7Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 8Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
RX26T Group
Renesas MCUs
Datasheet
R01DS0407EJ0120 Rev.1.20
Page 1 of 142
Oct 31, 2024
Features
■ 32-bit RXv3 CPU core
 Maximum operating frequency: 120 MHz
Capable of 709 CoreMark in operation at 120 MHz
 A collective register bank save function is available.
 Supports the memory protection unit (MPU)
 JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
 Operation from a single 2.7- to 5.5-V supply
 Three low-power modes
■ On-chip code flash memory
 Supports versions with up to 512 Kbytes of ROM
 Operation at 120 MHz (with no waiting)
 User code is programmable by on-board or off-board programming.
 Programming/erasing as background operations (BGOs)
 A dual-bank structure allows exchanging the start-up bank.
■ On-chip data flash memory
 16 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM
 64 K/48Kbytes of SRAM (with no waiting)
■ Data transfer
 DMACAa: 8 channels
 DTCb: 1 channel
■ ELC
 Module operation can be initiated by event signals without using
interrupts
 Linked operation between modules is possible when the CPU is in
sleep mode
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 The main clock oscillator is connectable to an 8- to 24-MHz external
crystal resonator and usable as the PLL reference clock.
 Internal 240-kHz LOCO and HOCO selectable from 16, 18, and 20
MHz
 120-kHz clock for the IWDTa
■ Independent watchdog timer
 120-kHz IWDT-dedicated on-chip oscillator clock operation
■ Useful functions for IEC60730 compliance
 Oscillation-stoppage detection, functions for self-diagnosis and
detection of disconnection for the A/D converter, clock frequency
accuracy measurement circuit, independent watchdog timer, RAM
test-assisting function by DOC, and CRCA, etc.
 Register write protection function can protect values in important
registers against overwriting.
■ Encryption functions (Trusted Secure IP Lite)
 128- or 256-bit key length of AES for ECB, CBC, GCM, others
 True random number generator
 Unauthorized access to the encryption engine is disabled and
imposture and falsification of information are prevented
 Safe management of keys
■ Up to 83 pins for general I/O ports
 5-V tolerance, open drain, input pull-up, switchable driving ability,
and retention of the port output
■ Various communications interfaces
 CAN FD: Compliant with ISO11898-1:2015, standard frame and
extended frame (1 channel)
 SCIk and SCIh with multiple functionalities (up to 4 channels)
Choose from among asynchronous mode, clock-synchronous mode,
smart-card interface mode, simplified SPI, simplified I2C, and
extended serial mode.
 Up to three RSCIs with Manchester encoding and HBS functionality
 I2C bus interface (RIICa) for transfer at up to 400 kbps (fast mode),
capable of SMBus operation (1 channel)
 I3C bus interface (RI3C) for the single data rate (SDR) mode
(1 channel)
 RSPId (1 channel) for transfer at up to 30 Mbps
■ Up to 29 extended-function timers
 32-bit (products with 64 Kbytes of RAM) or 16-bit (products with 48
Kbytes of RAM) GPTWa (8 channels): operation at 120 MHz, input
capture, output compare, PWM waveforms: 10 output channels in
single-phase complementary PWM mode/3 output channels in 3-
phase complementary PWM mode/2 output channels in 5-phase
complementary PWM mode, phase-counting mode, linkage with
comparator (counting operation, PWM negate control)
 16-bit MTU3d (9 channels): operation at 120 MHz, input capture,
output compare, PWM waveforms: 2 output channels in 3-phase
complementary PWM mode, phase-counting mode
 8-bit TMRb (8 channels)
 16-bit CMT (4 channels)
■ High-resolution PWM waveform generation circuit
(HRPWM): 4 channels
 Controlling the timing of rising or falling of the PWM output
waveform for 32-bit GPTWa is realized with minimum of 260 ps
resolution (in operation at 120 MHz)
■ 12-bit A/D converter (S12ADH)
 Products with 64 Kbytes of RAM
Three 12-bit units of sample-and-hold circuit included:
Unit 0 (4 channels for 3 sample-and-hold circuits),
Unit 1 (4 channels for 3 sample-and-hold circuits),
Unit 2 (14 channels)
 Products with 48 Kbytes of RAM
Two 12-bit units of sample-and-hold circuit included:
Unit 0 (7 channels for 3 sample-and-hold circuits),
Unit 2 (8 channels)
■ Analog Comparator (CMPCa): 6 channels
■ 12-bit D/A converter: 2 channels
 Usable as a reference voltage for the analog comparator
■ Temperature sensor for measuring temperature
within the chip
■ Recommended operating temp. range (Topr)
 D-version: –40C to +85C
 G-version: –40C to +105C
PLQP0100KB-B 14 × 14 mm, 0.5 mm pitch
PLQP0080KB-B 12 × 12 mm, 0.5 mm pitch
PLQP0064KB-C 10 × 10 mm, 0.5 mm pitch
PLQP0048KB-B 7 × 7 mm, 0.5 mm pitch
PWQN0064KF-A 9 × 9 mm, 0.5 mm pitch
PWQN0048KC-A 7 × 7 mm, 0.5 mm pitch
PWQN0032KE-A 5 × 5 mm, 0.5 mm pitch
120-MHz, 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply,
up to 512-KB flash memory, up to 64-KB SRAM, 16-KB data flash memory, various communications interfaces including
CAN FD, Simultaneous sampling with 3 units of 12-bit A/D converter (up to 7 channels), Analog comparator (6 channels),
120 MHz PWM (4 channels for 3-phase complementary, 2 channels for 5-phase complementary, 10 channels for single-phase
complementary), 4-channel high-resolution PWM with resolution of 260 ps at the minimum, Encryption functions
R01DS0407EJ0120
Rev.1.20
Oct 31, 2024
Features


Similar Part No. - R5F526TFADFN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52606ADFL RENESAS-R5F52606ADFL Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADFM RENESAS-R5F52606ADFM Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADFN RENESAS-R5F52606ADFN Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADFP RENESAS-R5F52606ADFP Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADNE RENESAS-R5F52606ADNE Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
More results

Similar Description - R5F526TFADFN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com