Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TFADFN Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R5F526TFADFN
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TFADFN Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F526TFADFN Datasheet HTML 12Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 13Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 14Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 15Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 16Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 17Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 18Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 19Page - Renesas Technology Corp R5F526TFADFN Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 16 of 142
Oct 31, 2024
RX26T Group
1. Overview
Figure 1.1
How to Read the Product Part Number
R5
F
5 2
6 T F A D F P #3 0
Product identification code
Packing
Package type, number of pins, and pin pitch
FP: LFQFP/100/0.50
FN: LFQFP/80/0.50
FM: LFQFP/64/0.50
FL: LFQFP/48/0.50
ND: HWQFN/64/0.50
NE: HWQFN/48/0.50
NH: HWQFN/32/0.50
D: Operating peripheral temperature: –40 to +85°C
G: Operating peripheral temperature: –40 to +105°C
A: Only CAN 2.0 protocol supported, without TSIP-
Lite
B: Only CAN 2.0 protocol supported, with TSIP-Lite
C: CAN FD protocol supported, without TSIP-Lite
D: CAN FD protocol supported, with TSIP-Lite
E: Without CAN FD, without TSIP-Lite
Code flash memory, RAM, and data flash memory
capacity
F: 512 Kbytes/64 Kbytes/16 Kbytes
B: 256 Kbytes/64 Kbytes/16 Kbytes
A: 256 Kbytes/48 Kbytes/16 Kbytes
9: 128 Kbytes/64 Kbytes/16 Kbytes
8: 128 Kbytes/48 Kbytes/16 Kbytes
Group name
6T: RX26T Group
Series name
RX200 Series
Type of memory
F: Flash memory version
Renesas MCU
Renesas semiconductor product
Note:
Visit the Renesas Electronics Web site to check and obtain the ordering part numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com