Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TBCDFM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F526TBCDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBCDFM Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F526TBCDFM Datasheet HTML 1Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 2Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 3Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 4Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 5Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 6Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 7Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 8Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 3 of 142
Oct 31, 2024
RX26T Group
1. Overview
Clock
Clock generation circuit
 Main clock oscillator, low-speed/high-speed on-chip oscillator, PLL frequency
synthesizer, and IWDT-dedicated on-chip oscillator
 The peripheral module clocks can be set to frequencies above that of the system clock.
 Main-clock oscillation stoppage detection
 Separate frequency-division and multiplication settings for the system clock (ICLK),
peripheral module clocks (PCLKA, PCLKB, PCLKC, PCLKD), and flash-IF clock (FCLK)
The CPU and other bus masters run in synchronization with the system clock (ICLK): Up
to 120 MHz
Peripheral modules of MTU (Internal peripheral bus), GPTW (Internal peripheral bus),
HRPWM (Internal peripheral bus), RSPI, RSPIA, RSCI, RI3C, and the ECC function
control registers in the CAN FD module run in synchronization with PCLKA, which
operates at up to 120 MHz.
Other peripheral modules run in synchronization with PCLKB: Up to 60 MHz
MTU (counter reference clocks), GPTW (counter reference clocks), and HRPWM
(reference clocks) are synchronized with PCLKC: Up to 120 MHz
ADCLK in the S12AD runs in synchronization with PCLKD: Up to 60 MHz
Flash IF run in synchronization with the flash-IF clock (FCLK): Up to 60 MHz
 Multiplication is possible with using the high-speed on-chip oscillator (HOCO) as a
reference clock of the PLL circuit
Reset
Eight types of reset
 RES# pin reset: Generated when the RES# pin is driven low.
 Power-on reset: Generated when the RES# pin is driven high and VCC rises.
 Voltage-monitoring 0 reset: Generated when VCC falls.
 Voltage-monitoring 1 reset: Generated when VCC falls.
 Voltage-monitoring 2 reset: Generated when VCC falls.
 Independent watchdog timer reset: Generated when the independent watchdog timer
underflows, or a refresh error occurs.
 Watchdog timer reset: Generated when the watchdog timer underflows, or a refresh error
occurs.
 Software reset: Generated by register setting.
Power-on reset
If the RES# pin is at the high level when power is supplied, an internal reset is generated.
After VCC has exceeded the voltage detection level and the specified period has elapsed,
the reset is cancelled.
Voltage detection circuit (LVDA)
Monitors the voltage being input to the VCC pin and generates an internal reset or internal
interrupt.
 Voltage detection circuit 0
Capable of generating an internal reset
The option-setting memory can be used to select enabling or disabling of the reset.
Voltage detection level: Selectable from two different levels
 Voltage detection circuits 1 and 2
Voltage detection level: Selectable from five different levels
Digital filtering (1/2, 1/4, 1/8, and 1/16 LOCO frequency)
Capable of generating an internal reset
 Two types of timing are selectable for release from reset
An internal interrupt can be requested.
 Detection of voltage rising above and falling below thresholds is selectable.
 Maskable or non-maskable interrupt is selectable
Voltage detection monitoring
Event linking
Low power
consumption
Low power consumption
facilities
 Module stop function
 Three low power consumption modes
Sleep mode, all-module clock stop mode, and software standby mode
Interrupt
Interrupt controller
(ICUG)
 Interrupt vectors: 256
 External interrupts: 16 (pins IRQ0 to IRQ15)
 Software interrupts: 2 sources
 Non-maskable interrupts: 7 sources
 Sixteen levels specifiable for the order of priority
 Method of interrupt source selection:
The interrupt vectors consist of 256 vectors, with 128 having fixed sources. The other
133 sources can be assigned to the remaining 128 vectors as required.
Table 1.1
Outline of Specifications (2/9)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com