Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TBCDFM Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R5F526TBCDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TBCDFM Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R5F526TBCDFM Datasheet HTML 8Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 9Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 10Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 11Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 12Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 13Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 14Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 15Page - Renesas Technology Corp R5F526TBCDFM Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 12 of 142
Oct 31, 2024
RX26T Group
1. Overview
Note 1. The products with 512 Kbytes of the code flash memory only support this function.
12-bit A/D Converter
Unit 0: 4
channels
Unit 1: 4
channels
Unit 2: 14
channels
Unit 0: 4
channels
Unit 1: 4
channels
Unit 2: 11
channels
Unit 0: 4
channels
Unit 1: 4
channels
Unit 2: 7
channels
Unit 0: 4
channels
Unit 1: 1
channels
Unit 2: 5
channels
Unit 0: 7
channels
Unit 2: 8
channels
Unit 0: 5
channels
Unit 2: 5
channels
Unit 0: 3
channels
Unit 2: 3
channels
3 channels simultaneous
sampling function
Available (unit 0, 1)
Available (unit 0)
Programmable gain
amplifier
6 channels
4 channels
Not available
Comparator C
6 channels
5 channels
4 channels
D/A converter
2 channels
Temperature sensor
1 channel
Arithmetic unit for trigonometric functions
(TFU)
Available
CRC calculator (CRC)
Available
Data operation circuit (DOC)
Available
Clock frequency accuracy measurement
circuit (CAC)
Available
Trusted Secure IP (TSIP-Lite)
Available/Not available
Not available
Event link controller (ELC)
Available
Packages
100-pin
LFQFP
80-pin
LFQFP
64-pin
LFQFP
64-pin
HWQFN
48-pin
LFQFP
48-pin
HWQFN
64-pin
LFQFP
48-pin
LFQFP
32-pin
HWQFN
Table 1.2
Comparison of Functions for Different Packages (2/2)
Module/Functions
RX26T Group
Products with 64 Kbytes of RAM
Products with 48 Kbytes of RAM
100 Pins
80 Pins
64 Pins
48 Pins
64 Pins
48 Pins
32 Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com