Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 90Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 91Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 92Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 93Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 94Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 95Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 96Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 97Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 94 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
registers A to D.
Note 5. When the peripheral module clock is stopped, the settings of the clock frequency are as follows:
ICLK = 120 MHz and PCLKA = PCLKB = PCLKC = PCLKD = FCLK = BCLK = BCLK pin = 3.75 MHz (divided by 64).
Note 6. When the low power consumption function is disabled, the DEEPCUT[1:0] bits are set to 01b.
Note 7. When the low power consumption function is enabled, the DEEPCUT[1:0] bits are set to 11b.
Note 8. Reference value
Note 1. Supply current values are measured when all output pins are unloaded and all input pull-up resistors are disabled.
Note 2. Peripheral module clocks are supplied.
Note 3. ICC depends on the f (ICLK) as follows (when ICLK/PCLKA : PCLKB/PCLKC/PCLKD : BCLK : BCLK pin = 2 : 1 : 2 : 1 and
Table 2.7
DC Characteristics (3) (Products with at least 1.5 Mbytes of code flash memory)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
D version
G version
Unit
Test Conditions
Typ. Max. Typ. Max.
Supply
current*1
Full operation*2
ICC*3
—
60
—
73
mA
ICLK = 120 MHz,
PCLKA = 120 MHz,
PCLKB = 60 MHz,
PCLKC = 60 MHz,
PCLKD = 60 MHz,
FCLK = 60 MHz,
BCLK = 120 MHz,
BCLK pin = 60 MHz
Normal
operation
Peripheral module clocks are supplied*4
26
—
26
—
Peripheral module clocks are stopped
*4, *5
13
—
13
—
Core
Mark
Peripheral module clocks are stopped
*4, *5
17
—
17
—
Sleep mode: Peripheral module clocks are supplied
*4
20
38
20
52
All module clock stop mode (reference value)
9
26
9
39
Increased by BGO
operation
*8
Reading from the code flash
memory while the data flash
memory is being programmed
6—6—
Reading from the code flash
memory while the code flash
memory is being programmed
7—7—
Increased by Trusted Secure IP operation
—
12
—
12
Low-speed operating mode 1: Peripheral module clocks
are stopped*4
1.6
—
1.6
—
All clocks 1 MHz
Low-speed operating mode 2: Peripheral module clocks
are stopped*4
1.6
—
1.6
—
All clocks 32.768
kHz
Software standby mode
1.6
13
1.6
22.4
Power is supplied to the standby RAM and USB
resume detecting unit (USB0 only)
15.5
70
15.5
98
µA
Power is not
supplied to the
standby RAM and
USB resume
detecting unit
(USB0 only)
Low power consumption
function of the power-on reset
circuit is disabled*6
11.5
42
11.5
54
Low power consumption
function of the power-on reset
circuit is enabled*7
4.9324.9
47
Increase current
by operating RTC
When a low CL crystal is in
use
1—1—
When a standard CL crystal is
in use
2—2—
When the RTC is
operating while VCC is
not supplied (Only the
RTC and sub-clock
oscillator operate with
the battery backup
function)
When a low CL crystal is in
use
0.9
—
0.9
—
VBATT = 2.0 V,
VCC = 0 V
1.6
—
1.6
—
VBATT = 3.3 V,
VCC = 0 V
When a standard CL crystal is
in use
1.6
—
1.6
—
VBATT = 1.62 V,
VCC = 0 V
1.7
—
1.7
—
VBATT = 2.0 V,
VCC = 0 V
3.3
—
3.3
—
VBATT = 3.3 V,
VCC = 0 V
Inrush current on
release from deep
software standby mode
Inrush current*9
IRUSH
—130
—130
mA
Total inrush current*9
ERUSH
—1.0
—1.0
µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com