Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 99Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 100Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 101Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 102Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 103Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 104Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 105Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 106Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 103 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
Figure 2.6
LOCO Clock Oscillation Start Timing
Figure 2.7
IWDT-dedicated Low-Speed Clock Oscillation Start Timing
Table 2.18
LOCO and IWDT-Dedicated Low-Speed Clock Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
LOCO clock cycle time
tLcyc
3.78
4.16
4.63
µs
LOCO clock oscillation frequency
fLOCO
216
240
264
kHz
LOCO clock oscillation stabilization wait time
tLOCOWT
—
—
44
µs
Figure 2.6
IWDT-dedicated low-speed clock cycle time
tILcyc
7.57
8.33
9.26
µs
IWDT-dedicated low-speed clock oscillation frequency
fILOCO
108
120
132
kHz
IWDT-dedicated low-speed clock oscillation stabilization wait
time
tILOCOWT
—
142
190
µs
Figure 2.7
LOCO clock
LOCOCR.LCSTP
tLOCOWT
On-chip oscillator output
OSCOVFSR.ILCOVF
ILOCOCR.ILCSTP
tILOCOWT
IWDT-dedicated
low-speed clock
IWDT-dedicated on-chip
oscillator output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com