Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 105Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 106Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 107Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 108Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 109Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 110Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 111Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 112Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 109 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.4.4
Control Signal Timing
Note 1. tPBcyc: PCLKB cycle
Figure 2.14
NMI Interrupt Input Timing
Figure 2.15
IRQ Interrupt Input Timing
Table 2.24
Control Signal Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKB = 8 to 60 MHz, Ta = Topr
Item
Symbol
Min.*1
Typ.
Max.
Unit
Test Conditions*1
NMI pulse width
tNMIW
200
—
—
ns
2 × tPBcyc ≤ 200 ns, Figure 2.14
2 × tPBcyc
——
2 × tPBcyc > 200 ns, Figure 2.14
IRQ pulse width
tIRQW
200
—
—
ns
2 × tPBcyc ≤ 200 ns, Figure 2.15
2 × tPBcyc
——
2 × tPBcyc > 200 ns, Figure 2.15
NMI
tNMIW
tNMIW
IRQn
tIRQW
tIRQW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com