Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFB Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # R5F5651CDDFB
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFB Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button R5F5651CDDFB Datasheet HTML 119Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 120Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 121Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 122Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 123Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 124Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 125Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 126Page - Renesas Technology Corp R5F5651CDDFB Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 123 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.4.6
EXDMAC Timing
Figure 2.30
EDREQ0 and EDREQ1 Input Timing
Figure 2.31
EDACK0 and EDACK1 Single-Address Transfer Timing (for a CS Area)
Table 2.26
EXDMAC Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
ICLK = PCLKA = 8 to 120 MHz, PCLKB = BCLK = SDCLK = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Max.
Unit
Test
Conditions
EXDMAC
EDREQ setup time
tEDRQS
13
—
ns
Figure 2.30
EDREQ hold time
tEDRQH
2—
ns
EDACK delay time
tEDACD
—
13
ns
Figure 2.31,
Figure 2.32
BCLK pin
tEDRQS tEDRQH
EDREQ0,
EDREQ1
EDACK0,
EDACK1
tEDACD
BCLK pin
tEDACD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com