Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFP Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F5651CDDFP
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFP Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F5651CDDFP Datasheet HTML 87Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 88Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 89Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 90Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 91Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 92Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 93Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 94Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 91 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
2.3
DC Characteristics
Note 1. This does not include the pins, which are multiplexed as ports for 5 V tolerant.
Note 2. P07, P11 to P17, P20, P21, P30 to P33, P67, and PC0 to PC3 are 5 V tolerant.
Note 3. For P30, P31, and P32, input as follows when the VBATT power supply is selected.
VIH Min. = 0.8 × VBATT, VIL Max. = 0.2 × VBATT (VBATT = 1.62 to 3.6 V)
Table 2.4
DC Characteristics (1)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
IRQ input pin*1
MTU input pin*1
POE3 input pin*1
TPU input pin*1
TMR input pin*1
CMTW input pin*1
SCI input pin*1
CAN input pin*1
CAC input pin*1
ADTRG# input pin*1
QSPI input pin*1
RES#, NMI, TCK
VIH
0.8 × VCC
—
—
V
VIL
—
—
0.2 × VCC
ΔVT
0.06 × VCC
—
—
RIIC input pin
(except for SMBus)
VIH
0.7 × VCC
—
—
VIL
—
—
0.3 × VCC
ΔVT
0.05 × VCC
—
—
Ports for 5 V tolerant*2
VIH
0.8 × VCC
—
—
VIL
—
—
0.2 × VCC
Other input pins excluding ports
for 5 V tolerant*3
VIH
0.8 × VCC
—
—
VIL
—
—
0.2 × VCC
High level input
voltage
(except for schmitt
trigger input pin)
MD pin, EMLE
VIH
0.9 × VCC
—
—
V
EXTAL, RSPI input pin,
EXDMAC input pin, WAIT#,
SDHI input pin, MMC input pin,
PDC input pin, SDSI input pin
0.8 × VCC
—
—
ETHERC input pin
2.3
—
—
D0 to D31
0.7 × VCC
—
—
RIIC (SMBus)
2.1
—
—
Low level input
voltage
(except for schmitt
trigger input pin)
MD pin, EMLE
VIL
—
—
0.1 × VCC
V
EXTAL, RSPI input pin,
ETHERC input pin,
EXDMAC input pin, WAIT#,
SDHI input pin, MMC input pin,
PDC input pin, SDSI input pin
—
—
0.2 × VCC
D0 to D31
—
—
0.3 × VCC
RIIC (SMBus)
—
—
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com