Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFP Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F5651CDDFP
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFP Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F5651CDDFP Datasheet HTML 93Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 94Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 95Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 96Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 97Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 98Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 99Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 100Page - Renesas Technology Corp R5F5651CDDFP Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 97 of 188
Oct 31, 2023
RX65N Group, RX651 Group
2. Electrical Characteristics
Note:
The values are reference values when the 4-layer board is used. Thermal resistance depends on the number of layers or size of
the board. For details, refer to the JEDEC standards.
Table 2.10
Thermal Resistance Value (Reference)
Item
Package
Symbol
Max.
Unit
Test Conditions
Thermal resistance
176-pin LFQFP (PLQP0176KB-A)
ja
48.0
°C/W
JESD51-2 and
JESD51-7 compliant
144-pin LFQFP (PLQP0144KA-B)
50.9
100-pin LFQFP (PLQP0100KB-B)
52.5
64-pin LFQFP (PLQP0064KB-C)
53.7
177-pin TFLGA (PTLG0177KA-A)
36.3
JESD51-2 and
JESD51-9 compliant
176-pin LFBGA (PLBG0176GA-A)
35.4
145-pin TFLGA (PTLG0145KA-A)
34.6
100-pin TFLGA (PTLG0100JA-A)
34.1
64-pin TFBGA (PTBG0064KB-A)
35.3
176-pin LFQFP (PLQP0176KB-A)
jt
1.0
°C/W
JESD51-2 and
JESD51-7 compliant
144-pin LFQFP (PLQP0144KA-B)
1.5
100-pin LFQFP (PLQP0100KB-B)
1.5
64-pin LFQFP (PLQP0064KB-C)
1.5
177-pin TFLGA (PTLG0177KA-A)
0.3
JESD51-2 and
JESD51-9 compliant
176-pin LFBGA (PLBG0176GA-A)
0.3
145-pin TFLGA (PTLG0145KA-A)
0.4
100-pin TFLGA (PTLG0100JA-A)
0.4
64-pin TFBGA (PTBG0064KB-A)
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com