Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLK Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F5671CDDLK
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLK Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F5671CDDLK Datasheet HTML 78Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 79Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 80Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 81Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 82Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 83Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 84Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 85Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 82 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.3
DC Characteristics
Note 1. This does not include the pins, which are multiplexed as ports for 5 V tolerant.
Note 2. P07, P12 to P17, P20, P21, P30 to P33, P67, P73, PC0 to PC3, and PJ3 are 5 V tolerant.
Table 2.4
DC Characteristics (1)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
IRQ input pin*1
MTU input pin*1
POE3 input pin*1
TPU input pin*1
TMR input pin*1
CMTW input pin*1
SCI input pin*1
RSCIA input pin*1
CAN input pin*1
CAC input pin*1
ADTRG# input pin*1
QSPIX input pin*1
SSIE input pin*1
REMC input pin*1
RES#, NMI, TCK
VIH
0.8 × VCC
—
—
V
VIL
—
—
0.2 × VCC
ΔVT
0.06 × VCC
—
—
RIIC input pin
RIICHS input pin
(except for SMBus)
VIH
0.7 × VCC
—
—
VIL
—
—
0.3 × VCC
ΔVT
0.05 × VCC
—
—
TAMPIn/RTCICn pin
EXCIN pin
VIH
0.8 × VBKP
——
VIL
—
—
0.2 × VBKP
Ports for 5 V tolerant*2
VIH
0.8 × VCC
—
—
VIL
—
—
0.2 × VCC
Other input pins excluding ports
for 5 V tolerant
VIH
0.8 × VCC
—
—
VIL
—
—
0.2 × VCC
High level input
voltage
(except for Schmitt
trigger input pin)
MD pin, EMLE
VIH
0.9 × VCC
—
—
V
EXTAL, RSPI input pin,
RSPIA input pin,
EXDMAC input pin, WAIT#,
SDHI input pin
0.8 × VCC
—
—
D0 to D15
0.7 × VCC
—
—
RIIC, RIICHS (SMBus)
2.1
—
—
Low level input
voltage
(except for Schmitt
trigger input pin)
MD pin, EMLE
VIL
—
—
0.1 × VCC
V
EXTAL, RSPI input pin,
RSPIA input pin,
EXDMAC input pin, WAIT#,
SDHI input pin
—
—
0.2 × VCC
D0 to D15
—
—
0.3 × VCC
RIIC, RIICHS (SMBus)
—
—
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com