Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDLK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F5671CDDLK
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDLK Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F5671CDDLK Datasheet HTML 1Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 2Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 3Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 4Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 5Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 6Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 7Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDDLK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 179 page
background image
RX671 Group
1. Overview
R01DS0373EJ0120 Rev.1.20
Page 2 of 179
Sep 30, 2024
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 give a comparison of the functions of products in different
packages.
Table 1.1 is an outline of maximum specifications, and the peripheral modules and the number of channels of the
modules differ depending on the number of pins on the package. For details, see Table 1.2, Comparison of Functions
for Different Packages.
Table 1.1
Outline of Specifications (1/10)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 120 MHz
 32-bit RX CPU (RXv3)
 Minimum instruction execution time: One instruction per state (cycle of the system
clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Ten 32-bit registers
Accumulator: Two 72-bit registers
 113 instructions
Instructions installed as standard: 111
Basic instructions: 77
Single-precision floating-point operation instructions: 11
DSP instructions: 23
Instructions for register bank save function: 2
 Addressing modes: 11
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 × 32 → 64 bits
 On-chip divider: 32 / 32 → 32 bits
 Barrel shifter: 32 bits
FPU
 Single precision (32-bit) floating point
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Double-precision
floating point
coprocessor
 Double-precision floating-point register set
Double-precision floating-point data registers: 16, each with 64-bit width
Double-precision floating-point control registers: Four, each with 32-bit width
 Double-precision floating-point processing instructions: 21
 Notifying the interrupt controller of double-precision floating-point exceptions
Register bank save
function
 Fast collective saving and restoration of the values of CPU registers
 16 save register banks
Memory
Code flash memory
 Capacity: 1 Mbyte/1.5 Mbytes/2 Mbytes
 ROM cache: 8 Kbytes
 60 MHz  No-wait cycle access
120 MHz
 1-wait cycle access
 Instructions hitting the ROM cache or operand = 120 MHz: No-wait access
 On-board programming: Four types
 Off-board programming (parallel programmer mode)
 Instructions are executable only for the program stored in the TM target area by using
the Trusted Memory (TM) function and protection against data reading is realized.
 A dual-bank structure allows programming during reading or exchanging the start-up
areas
Data flash memory
 Capacity: 8 Kbytes
 Programming/erasing: 100,000 times
Unique ID
 16-byte unique ID for the device
RAM
 Capacity: 384 Kbytes
 120 MHz, no-wait access
Standby RAM
 Capacity: 4 Kbytes
 Operation synchronized with PCLKB: Up to 60 MHz, two-cycle access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com