Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTBDWLM32-32 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # KRTBDWLM32-32
Description  OSIRE™ E3323
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTBDWLM32-32 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button KRTBDWLM32-32 Datasheet HTML 3Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 4Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 5Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 6Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 7Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 8Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 9Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 10Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
KRTBDWLM32.32
DATASHEET
DATASHEET
7 | Version 1.5 | 2026-03-04
Brightness Groups
● red
Group
Luminous Intensity 5)
Luminous Intensity 5)
I
F = 10 mA
I
F = 10 mA
min.
max.
I
v
I
v
2T
315 mcd
355 mcd
3T
355 mcd
400 mcd
4T
400 mcd
450 mcd
1U
450 mcd
500 mcd
2U
500 mcd
560 mcd
3U
560 mcd
630 mcd
4U
630 mcd
710 mcd
1V
710 mcd
800 mcd
Brightness Groups
● true green
Group
Luminous Intensity 5)
Luminous Intensity 5)
I
F = 10 mA
I
F = 10 mA
min.
max.
I
v
I
v
5A
1120 mcd
1250 mcd
6A
1250 mcd
1400 mcd
7A
1400 mcd
1590 mcd
8A
1590 mcd
1800 mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com