Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTBDWLM32-32 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KRTBDWLM32-32
Description  OSIRE™ E3323
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTBDWLM32-32 Datasheet(HTML) 2 Page - ams-OSRAM AG

  KRTBDWLM32-32 Datasheet HTML 1Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 2Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 3Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 4Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 5Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 6Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 7Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 8Page - ams-OSRAM AG KRTBDWLM32-32 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
KRTBDWLM32.32
DATASHEET
DATASHEET
2 | Version 1.5 | 2026-03-04
OSIRE™ E3323
KRTBDWLM32.32
The OSIRE E3323 is designed for automotive ambient appli-
cations. With its compact size, the device offers a maximum of
flexibility for various assembly situations.
All measurement data of every single LED is made available at
10 and 50 mA via an imprinted data matrix code. This feature
helps to reduce the optical measurement effort on customer
side.
Applications
- Ambient lighting
- Automotive aftermarket
- Functional illumination
Features
- Package: white SMD package, colorless clear silicone resin
- Chip technology: Thinfilm / ThinGaN
- Color: λ
dom = 626 nm (● red); λdom = 533 nm (● true green); λdom = 462 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Measurement data available via DMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com