Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E-DWF Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # AT45DB021E-DWF
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E-DWF Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button AT45DB021E-DWF Datasheet HTML 34Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 35Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 36Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 37Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 38Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 39Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 40Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 41Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 38
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
Figure 21. Read Manufacturer and Device ID
SCK
CS
SI
SO
6
0
9Fh
8
7
47
Opcode
1Fh
00h
01h
00h
Manufacturer ID
Device ID
Byte 1
Device ID
Byte 2
EDI
String Length
EDI
Data Byte 1
High-Impedance
14
16
15
22
24
23
38
40
39
30
32
31
Note: Each transition
shown for SI and SO represents one byte (eight bits)
23h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com