Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E-DWF Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # AT45DB021E-DWF
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E-DWF Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button AT45DB021E-DWF Datasheet HTML 16Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 17Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 18Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 19Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 20Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 21Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 22Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 23Page - Renesas Technology Corp AT45DB021E-DWF Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 20
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
To perform a Read-Modify-Write using the binary page size (256 bytes), an opcode of 58h for Buffer 1 must be
clocked into the device followed by three address bytes comprised of six dummy bits, 10 page address bits (A17 -
A8) that specify the page in the main memory to be written and eight byte address bits (A7-A0) that designate the
starting byte address within the page to reprogram.
After the address bytes have been clocked in, any number of sequential data bytes from one to 256/264 bytes can
be clocked into the device. If the end of the buffer is reached when clocking in the data, then the device wraps
around back to the beginning of the buffer. After all data bytes have been clocked into the device, a low-to-high
transition on the CS pin starts the self-contained, internal read-modify-write operation. Only the data bytes that
were clocked into the device are reprogrammed in the main memory.
Example: If only one data byte was clocked into the device, then only one byte in main memory is reprogrammed
and the remaining bytes in the main memory page remain in their previous state.
The CS pin must be deasserted on a byte boundary (multiples of eight bits); otherwise, the operation is aborted
and no data is programmed. The reprogramming of the data bytes is internally self-timed and must take place in a
maximum time of tP. During this time, the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase and programming algorithm that can detect when a byte location
fails to erase or program properly. If an erase or program error arises, it is indicated by the EPE bit in the Status
Register.
Note: The Read-Modify-Write command uses the same opcodes as the Auto Page Rewrite command. If no data
bytes are clocked into the device, then the device performs an Auto Page Rewrite operation. See “Auto Page
Rewrite” on page 30 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com