Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK50H28PLCC52 Datasheet(PDF) 53 Page - STMicroelectronics

Part # MK50H28PLCC52
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28PLCC52 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button MK50H28PLCC52 Datasheet HTML 49Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 50Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 51Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 52Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 53Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 54Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 55Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 56Page - STMicroelectronics MK50H28PLCC52 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
C
L
0.4 mA
CR
CR
CR
CR 1
2
3
4
R1 = 1.2 K
CR1 - CR4 = 1N914 or EQUIV
TEST
POINT
FROM
OUTPUT
UNDER
TEST
R1 = 1.4 K
C
L
Vcc
Vcc
C = 50pF min @ 1 MHz
L
FROM
OUTPUT
UNDER
TEST
NOTE: This load is used on all outputs except INTR, HOLD, READY.
NOTE: This load is used on open
drain outputs INTR, HOLD, READY.
Figure 9a: TTL Output Load Diagram
Figure 9b: Open Drain Output Load Diagram
RCLK
13
15
14
16
17
21
20
19
18
RD
12
6
87
10
11
9
TD
TCLK
”0”
O.8 V
O.8 V
90 %
”1”
2.0 V
2.0 V
10 %
OUTPUT
INPUT
FLOAT
TIMING MEASUREMENTS ARE MADE AT THE FOLLOWING VOLTAGES,
UNLESS OTHERWISE SPECIFIED:
Figure 10: MK50H28 Serial Link Timing Diagram
MK50H28
53/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com